| Electronic Components Datasheet Search |
|
BM83 Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM83 Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 74 page ![]() 6.4.2.2 Serial Program Data (TDI_CPU) TDI_CPU is the data input/output to the instruction or selected data registers and the control signal for the TAP controller. This signal is sampled on the falling edge of TDI_CPU for some TAP controller states. 6.5 General Purpose I/O Pins The BM83 module provides up to 18 GPIOs that can be configured by using the Config Tool. The following table provides the default I/O functions of the BM83 module. Note: The MFB pin must be configured as the power-ON/OFF key and the remaining pins are user configurable pins. Table 6-3. GPIO Assigned Pins Function Pin Name Function Assigned P0_0 UART_TX_IND P0_1 Forward (FWD) button P0_2 Play or Pause (PLAY/PAUSE) button P0_3 Reverse (REV) button P0_5 Volume decrease (VOL_DN) button P0_6 Host MCU P0_7 - P1_2 I2C SCL (muxed with 2-wire CPU debug data) P1_3 I2C SDA (muxed with 2-wire CPU debug clock) P1_6 PWM P2_3 SW I2C SCL P2_6 SW I2C SDA P2_7 Volume increase (VOL_UP) button P3_2 Line-In detect P3_4 SYS_CFG (muxed with UART_RTS) P3_7 UART_CTS P8_5 UART_RXD P8_6 UART_TXD MFB MFB Note: 1. This table reflects the default IO assignment in the Config Tool. The GPIOs are user configurable. 2. It is recommended to reserve UART port (P8_5 and P8_6) for Flash download in Test mode during production. 3. GPIO Port 8 API (button detect driver) is currently not implemented like other GPIO APIs. 4. GPIO P3_4 is used to enter Test mode during reset. If the user wants to use this pin to control external peripherals, care must be taken to ensure this pin is not pulled LOW and accidentally enters Test mode. BM83 Application Information © 2019 Microchip Technology Inc. Preliminary Datasheet DS70005402A-page 47 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |