Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 58 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 58 Page - Microchip Technology

Back Button BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
3.
fin=1KHz sine tone, analog gain = -3dB, digital gain = 0dB, bandwidth = 22K, A-weighting applied, sweep
across -100dBv to 6dBv level, with various loads (16Ω, 32Ω, 100KΩ)
4.
fin = 1 kHz, bandwidth = 20 Hz to 20 kHz, A-weighted, -1 dBFS signal, load =16Ω.
5.
Measurements performed on the BM83 EVB platform.
Table 9-8. Transmitter Section Class 1 (MPA Configuration) for BDR and EDR(1,4)
Parameter(2,3)
Bluetooth Specification
Min.
Typ.
Max.
Unit
Transmit power BDR
0 to 20
10.5
11
11.5
dBm
Transmit power EDR 2M
0 to 20
9
9.5
10
dBm
Transmit power EDR 3M
0 to 20
9
9.5
10
dBm
1.
These parameters are characterized, but not tested on production device.
2.
The RF transmit power is the average power measured for the mid-channel (Channel 39).
3.
The RF transmit power is calibrated during production using the MP tool and MT8852 Bluetooth test
equipment.
4.
Test condition: VCC_RF = 1.28V, temperature +25ºC.
Table 9-9. Transmitter Section Class 2 (LPA Configuration) for BDR and EDR (1,4)
Parameter(2,3)
Bluetooth Specification
Min.
Typ.
Max.
Unit
Transmit power BDR
-6 to 4
1.5
2
2.5
dBm
Transmit power EDR 2M
-6 to 4
0
0.5
1
dBm
Transmit power EDR 3M
-6 to 4
0
0.5
1
dBm
1.
These parameters are characterized, but not tested on production device.
2.
The RF transmit power is the average power measured for the mid-channel (Channel 39).
3.
The RF transmit power is calibrated during production using the MP tool and MT8852 Bluetooth test
equipment.
4.
Test condition: VCC_RF = 1.28V, temperature +25ºC.
Table 9-10. Receiver Section for BDR/EDR/Bluetooth Low Energy(1,2)
Parameter
Bluetooth
Specification
Modulation
Min.
Typ.
Max.
Unit
Sensitivity at 0.1% BER ≤-70
GFSK
—
-88
—
dBm
Sensitivity at 0.01%
BER
≤-70
π/4 DQPSK
—
-90
—
dBm
≤-70
8 DPSK
—
-84
—
dBm
Sensitivity at 0.1% BER ≤-70
Bluetooth Low
Energy
—
-92
—
dBm
1.
These parameters are characterized, but not tested on production device.
2.
Test condition: VCC_RF = 1.28V with temperature +25ºC.
Table 9-11. BM83 System Current Consumption(1,2,3,6,7,8)
Modes
Condition
Role
Packet Type
Current (Typ.)
Unit
A2DP mode
Internal codec, iOS Master
Slave
2DH5/3DH5
12.05
mA
Internal codec, Android
Slave
Master
3DH5
12.32
mA
BM83
Electrical Characteristics
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com