Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 9 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 9 Page - Microchip Technology

Back Button BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology BM83 Datasheet HTML 10Page - Microchip Technology BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
2.
Device Overview
The BM83 stereo audio module is built around the IS2083BM SoC, which integrates the dual-mode baseband,
modem, radio transceiver, PMU, MCU, crystal, and a DSP dedicated for audio and voice applications. Users can
configure the BM83 module by using the SDK or the IS208x_Config_GUI_Tool (Config Tool).
There are two modes of operation:
• Host mode:
– Interfaces with an external MCU over UART for application specific system control.
– The multi-speaker (MSPK) solution can reside on this MCU.
• Embedded mode:
– No external MCU involved.
– BM83 acts as an MCU to control all peripherals to provide various speaker features.
– Integrates the MSPK firmware on the module.
– Simple system control can be implemented in the module MCU by using the SDK.
– DSP parameters such as equalizer settings can be set using the Config Tool.
Note:  The SDK and Config Tool are available for download at: http://www.microchip.com/BM83.
The following figure illustrates the Embedded mode and Host mode of the BM83 module.
Figure 2-1. BM83 Module Application Modes
Embedded Mode
Microphone
Line-In
Smartphone
Battery
DC Adapter
BM83
Host Mode
Microphone
Line-In
Smartphone
Battery
DC Adapter
BM83
Host
MCU
External
DSP/Audio
Amplifier
UART
MCLK
I2S
I2S
I2C
External
DSP/Audio
Amplifier
MCLK
BM83
Device Overview
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com