Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 69 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 69 Page - Microchip Technology

Back Button BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology BM83 Datasheet HTML 72Page - Microchip Technology BM83 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
12.5
Korea
The BM83 module has received certification of conformity in accordance with the Radio Waves Act. Integration of this
module into a final product does not require additional radio certification provided installation instructions are followed
and no modifications of the module are allowed.
12.5.1
Labeling and User Information Requirements
The label on the final product which contains the BM83 module must follow KC marking requirements. The integrator
of the module should refer to the labeling requirements for Korea available on the Korea Communications
Commission (KCC) website.
The BM83 module is labeled with its own KC mark. The final product requires the KC mark and certificate number of
the module:
XXXX-XXX-xxx-XXXXXXXXXXXX
12.5.2
Helpful Websites
• Korea Communications Commission (KCC): http://www.kcc.go.kr.
• National Radio Research Agency (RRA): http://rra.go.kr.
12.6
Taiwan
The BM83 module has received compliance approval in accordance with the Telecommunications Act. Customers
seeking to use the compliance approval in their product should contact Microchip Technology sales or distribution
partners to obtain a Letter of Authority.
Integration of this module into a final product does not require additional radio certification provided installation
instructions are followed and no modifications of the module are allowed.
12.6.1
Labeling and User Information Requirements
For the BM83 module, due to the limited module size, the NCC mark and ID are displayed in the data sheet only and
cannot be displayed on the module label:
xxxxxxxxxxxxxx
The user's manual should contain following warning (for RF device) in traditional Chinese:
注意
!
依據 低功率電波輻射性電機管理辦法
第十二條 經型式認證合格之低功率射頻電機,非經許 可,
公司、商號或使用者均不得擅自變更頻率、加大功率或 變更原設計
之特性及功能。
第十四條 低功率射頻電機之使用不得影響飛航安全及 干擾合法通信;
經發現有干擾現象時,應立即停用,並改善至無干擾時 方得繼續使用。
BM83
Appendix A: Regulatory Approval
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com