Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 44 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 44 Page - Microchip Technology

Back Button BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology BM83 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Figure 6-7. Timing Sequence of Power Drop Protection
BAT_IN +4V
RST_N from Reset IC
Power
BAT_IN
BM83
Reset
OUT
VDD
GND
MCU Reset
Reset IC
2.93V
2.7V
Timing sequence of power drop protection:
• It is recommended to use the battery to provide the power supply at BAT_IN in to the module.
• If an external power source or a power adapter is utilized to provide power to the module (BAT_IN), it is
recommended to use a voltage supervisor Integrated Circuit (IC).
• The Reset IC output pin, RST_N, must be open drain type and threshold voltage as 2.93V.
• The RST_N signal must be fully pulled low before BAT_IN power drop to 2.7V
6.2
I2S Interface
The BM83 module provides an I2S digital audio input, output or input/output interface to connect with the external
codec or DSP. It provides 8, 16, 44.1, 48, 88.2, and 96 kHz sampling rates for 16-bit and 24-bit data formats. The
following are the BM83 module interface signals:
• MCLK1 – Master Clock (BM83 output)
• SCLK1– Serial/Bit Clock (BM83 input/output)
• DR1 – Receive Data (BM83 input)
• RFS1 – Receive Frame Sync (BM83 input/output)
• DT1 – Transmit Data (BM83 output)
Note:  The I2S parameters can be configured by using the Config Tool.
I2S supports the following modes:
• Master mode
– The BM83 serves as a master to provide clock and frame synchronous signals for the master/slave data
synchronizations, as illustrated in the following figures. The MCLK1 is the master clock output provided to
an external I2S device to drive its system clock and save crystal cost. The MCLK is optional and is not
required if the external I2S device can drive its system clock on its own.
BM83
Application Information
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com