Electronic Components Datasheet Search
  English  ▼

X  

LFEC Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 30Page - Lattice Semiconductor LFEC Datasheet HTML 31Page - Lattice Semiconductor LFEC Datasheet HTML 32Page - Lattice Semiconductor LFEC Datasheet HTML 33Page - Lattice Semiconductor LFEC Datasheet HTML 34Page - Lattice Semiconductor LFEC Datasheet HTML 35Page - Lattice Semiconductor LFEC Datasheet HTML 36Page - Lattice Semiconductor LFEC Datasheet HTML 37Page - Lattice Semiconductor LFEC Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
2-31
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Table 2-14. Supported Output Standards
Hot Socketing
The LatticeECP/EC devices have been carefully designed to ensure predictable behavior during power-up and
power-down. Power supplies can be sequenced in any order. During power up and power-down sequences, the
I/Os remain in tristate until the power supply voltage is high enough to ensure reliable operation. In addition,
leakage into I/O pins is controlled to within specified limits, this allows for easy integration with the rest of the
system. These capabilities make the LatticeECP/EC ideal for many multiple power supply and hot-swap applica-
tions.
Recommended Power Up Sequence: As described in the previous paragraph, the supplies can be sequenced
in any order. However, once internal power good is achieved (determined by VCC, VCCAUX, VCCIO bank 5) the
part releases I/Os from tri-state and the management of I/Os becomes the designers responsibility. To simplify a
system design it is therefore recommended that supplies be sequenced VCCIO, VCC, VCCAUX.
Output Standard
Drive
VCCIO (Nom.)
Single-ended Interfaces
LVTTL
4mA, 8mA, 12mA, 16mA, 20mA
3.3
LVCMOS33
4mA, 8mA, 12mA 16mA, 20mA
3.3
LVCMOS25
4mA, 8mA, 12mA, 16mA, 20mA
2.5
LVCMOS18
4mA, 8mA, 12mA, 16mA
1.8
LVCMOS15
4mA, 8mA
1.5
LVCMOS12
2mA, 6mA
1.2
LVCMOS33, Open Drain
4mA, 8mA, 12mA 16mA, 20mA
—
LVCMOS25, Open Drain
4mA, 8mA, 12mA 16mA, 20mA
—
LVCMOS18, Open Drain
4mA, 8mA, 12mA 16mA
—
LVCMOS15, Open Drain
4mA, 8mA
—
LVCMOS12, Open Drain
2mA, 6mA
—
PCI33
N/A
3.3
HSTL18 Class I, II, III
N/A
1.8
HSTL15 Class I, III
N/A
1.5
SSTL3 Class I, II
N/A
3.3
SSTL2 Class I, II
N/A
2.5
SSTL18 Class I
N/A
1.8
Differential Interfaces
Differential SSTL3, Class I, II
N/A
3.3
Differential SSTL2, Class I, II
N/A
2.5
Differential SSTL18, Class I
N/A
1.8
Differential HSTL18, Class I, II, III
N/A
1.8
Differential HSTL15, Class I, III
N/A
1.5
LVDS
N/A
2.5
BLVDS
1
N/A
2.5
LVPECL
1
N/A
3.3
RSDS
1
N/A
2.5
1. Emulated with external resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com