Electronic Components Datasheet Search
  English  ▼

X  

LFEC Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 14Page - Lattice Semiconductor LFEC Datasheet HTML 15Page - Lattice Semiconductor LFEC Datasheet HTML 16Page - Lattice Semiconductor LFEC Datasheet HTML 17Page - Lattice Semiconductor LFEC Datasheet HTML 18Page - Lattice Semiconductor LFEC Datasheet HTML 19Page - Lattice Semiconductor LFEC Datasheet HTML 20Page - Lattice Semiconductor LFEC Datasheet HTML 21Page - Lattice Semiconductor LFEC Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
2-15
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-17. Comparison of General DSP and LatticeECP-DSP Approaches
sysDSP Block Capabilities
The sysDSP block in the LatticeECP-DSP family supports four functional elements in three 9, 18 and 36 data path
widths. The user selects a function element for a DSP block and then selects the width and type (signed/unsigned)
of its operands. The operands in the LatticeECP-DSP family sysDSP Blocks can be either signed or unsigned but
not mixed within a function element. Similarly, the operand widths cannot be mixed within a block.
The resources in each sysDSP block can be configured to support the following four elements:
• MULT
(Multiply)
•MAC
(Multiply, Accumulate)
• MULTADD
(Multiply, Addition/Subtraction)
• MULTADDSUM (Multiply, Addition/Subtraction, Accumulate)
The number of elements available in each block depends in the width selected from the three available options x9,
x18, and x36. A number of these elements are concatenated for highly parallel implementations of DSP functions.
Table 2-1 shows the capabilities of the block.
Table 2-7. Maximum Number of Elements in a Block
Some options are available in four elements. The input register in all the elements can be directly loaded or can be
loaded as shift register from previous operand registers. In addition by selecting ‘dynamic operation’ in the ‘Signed/
Unsigned’ options the operands can be switched between signed and unsigned on every cycle. Similarly by select-
ing ‘Dynamic operation’ in the ‘Add/Sub’ option the Accumulator can be switched between addition and subtraction
on every cycle.
Width of Multiply
x9
x18
x36
MULT
8
4
1
MAC
4
2
—
MULTADD
4
2
—
MULTADDSUM
2
1
—
Multiplier 0
Operand
A
Operand
B
Operand
A
Operand
B
Operand
A
Operand
B
Multiplier 1
Multiplier
(k-1)
Accumulator
Output
m/k
loops
Single
Multiplier
x
xx
x
Operand
A
Accumulator
Operand
B
M loops
Function implemented in
General purpose DSP
Function implemented
in LatticeECP
Σ
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com