Electronic Components Datasheet Search
  English  ▼

X  

LFEC Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 28Page - Lattice Semiconductor LFEC Datasheet HTML 29Page - Lattice Semiconductor LFEC Datasheet HTML 30Page - Lattice Semiconductor LFEC Datasheet HTML 31Page - Lattice Semiconductor LFEC Datasheet HTML 32Page - Lattice Semiconductor LFEC Datasheet HTML 33Page - Lattice Semiconductor LFEC Datasheet HTML 34Page - Lattice Semiconductor LFEC Datasheet HTML 35Page - Lattice Semiconductor LFEC Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
2-29
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-33. LatticeECP/EC Banks
LatticeECP/EC devices contain two types of sysIO buffer pairs.
1.
Top and Bottom sysIO Buffer Pair (Single-Ended Outputs Only)
The sysIO buffer pairs in the top and bottom banks of the device consist of two single-ended output drivers and
two sets of single-ended input buffers (both ratioed and referenced). The referenced input buffer can also be
configured as a differential input.
The two pads in the pair are described as “true” and “comp”, where the true pad is associated with the positive
side of the differential input buffer and the comp (complementary) pad is associated with the negative side of
the differential input buffer.
Only the I/Os on the top and bottom banks have PCI clamp.
2.
Left and Right sysIO Buffer Pair (Differential and Single-Ended Outputs)
The sysIO buffer pairs in the left and right banks of the device consist of two single-ended output drivers, two
sets of single-ended input buffers (both ratioed and referenced) and one differential output driver. The refer-
enced input buffer can also be configured as a differential input. In these banks the two pads in the pair are
described as “true” and “comp”, where the true pad is associated with the positive side of the differential I/O,
and the comp (complementary) pad is associated with the negative side of the differential I/O.
Only the left and right banks have LVDS differential output drivers.
Supported Standards
The LatticeECP/EC sysIO buffer supports both single-ended and differential standards. Single-ended standards
can be further subdivided into LVCMOS, LVTTL and other standards. The buffers support the LVTTL, LVCMOS 1.2,
1.5, 1.8, 2.5 and 3.3V standards. In the LVCMOS and LVTTL modes, the buffer has individually configurable
V
REF1(2)
GND
V
CCIO2
V
REF2(2)
V
REF1(3)
GND
V
CCIO3
V
REF2(3)
V
REF1(7)
GND
V
CCIO7
V
REF2(7)
V
REF1(6)
GND
Note: N and M are the maximum number of I/Os per bank.
V
CCIO6
V
REF2(6)
Bank 5
Bank 4
Bank 0
Bank 1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com