Electronic Components Datasheet Search
  English  ▼

X  

LFEC Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 59Page - Lattice Semiconductor LFEC Datasheet HTML 60Page - Lattice Semiconductor LFEC Datasheet HTML 61Page - Lattice Semiconductor LFEC Datasheet HTML 62Page - Lattice Semiconductor LFEC Datasheet HTML 63Page - Lattice Semiconductor LFEC Datasheet HTML 64Page - Lattice Semiconductor LFEC Datasheet HTML 65Page - Lattice Semiconductor LFEC Datasheet HTML 66Page - Lattice Semiconductor LFEC Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
www.latticesemi.com
4-1
Pinout Information_01.2
November 2004
Preliminary Data Sheet
© 2004 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Signal Descriptions
Signal Name
I/O
Descriptions
General Purpose
P[Edge] [Row/Column Number*]_[A/B]
I/O
[Edge] indicates the edge of the device on which the pad is located. Valid
edge designations are L (Left), B (Bottom), R (Right), T (Top).
[Row/Column Number] indicates the PFU row or the column of the device on
which the PIC exists. When Edge is T (Top) or (Bottom), only need to specify
Row Number. When Edge is L (Left) or R (Right), only need to specify Col-
umn Number.
[A/B] indicates the PIO within the PIC to which the pad is connected.
Some of these user-programmable pins are shared with special function
pins. These pin when not used as special purpose pins can be programmed
as I/Os for user logic.
During configuration the user-programmable I/Os are tri-stated with an inter-
nal pull-up resistor enabled. If any pin is not used (or not bonded to a pack-
age pin), it is also tri-stated with an internal pull-up resistor enabled after
configuration.
GSRN
I
Global RESET signal (active low). Any I/O pin can be GSRN.
NC
—
No connect.
GND
—
Ground. Dedicated pins.
VCC
—Power supply pins for core logic. Dedicated pins.
VCCAUX
—
Auxiliary power supply pin. It powers all the differential and referenced input
buffers. Dedicated pins.
VCCIOx
—Power supply pins for I/O bank x. Dedicated pins.
VREF1_x, VREF2_x
—
Reference supply pins for I/O bank x. Pre-determined pins in each bank are
as assigned VREF inputs. When not used, they may be used as I/O pins.
XRES
—
10K ohm +/-1% resistor must be connected between this pad and ground.
PLL and Clock Functions (Used as user programmable I/O pins when not in use for PLL or clock pins)
[LOC][num]_PLL[T, C]_IN_A
I
Reference clock (PLL) input pads: ULM, LLM, URM, LRM, num = row from
center, T = true and C = complement, index A,B,C...at each side.
[LOC][num]_PLL[T, C]_FB_A
I
Optional feedback (PLL) input pads: ULM, LLM, URM, LRM, num = row from
center, T = true and C = complement, index A,B,C...at each side.
PCLK[T, C]_[n:0]_[3:0]
I
Primary Clock pads, T = true and C = complement, n per side, indexed by
bank and 0,1,2,3 within bank.
[LOC]DQS[num]
I
DQS input pads: T (Top), R (Right), B (Bottom), L (Left), DQS, num = ball
function number. Any pad can be configured to be output.
Test and Programming (Dedicated pins)
TMS
I
Test Mode Select input, used to control the 1149.1 state machine. Pull-up is
enabled during configuration.
TCK
I
Test Clock input pin, used to clock the 1149.1 state machine. No pull-up
enabled.
LatticeECP/EC Family Data Sheet
Pinout Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com