Electronic Components Datasheet Search
  English  ▼

X  

LFEC Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # LFEC
Description  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 11Page - Lattice Semiconductor LFEC Datasheet HTML 12Page - Lattice Semiconductor LFEC Datasheet HTML 13Page - Lattice Semiconductor LFEC Datasheet HTML 14Page - Lattice Semiconductor LFEC Datasheet HTML 15Page - Lattice Semiconductor LFEC Datasheet HTML 16Page - Lattice Semiconductor LFEC Datasheet HTML 17Page - Lattice Semiconductor LFEC Datasheet HTML 18Page - Lattice Semiconductor LFEC Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 117 page
background image
2-12
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-14. DCS Waveforms
sysMEM Memory
The LatticeECP/EC family of devices contain a number of sysMEM Embedded Block RAM (EBR). The EBR con-
sists of a 9-Kbit RAM, with dedicated input and output registers.
sysMEM Memory Block
The sysMEM block can implement single port, dual port or pseudo dual port memories. Each block can be used in
a variety of depths and widths as shown in Table 2-6.
Table 2-6. sysMEM Block Configurations
Bus Size Matching
All of the multi-port memory modes support different widths on each of the ports. The RAM bits are mapped LSB
word 0 to MSB word 0, LSB word 1 to MSB word 1 and so on. Although the word size and number of words for
each port varies, this mapping scheme applies to each port.
RAM Initialization and ROM Operation
If desired, the contents of the RAM can be pre-loaded during device configuration. By preloading the RAM block
during the chip configuration cycle and disabling the write controls, the sysMEM block can also be utilized as a
ROM.
Memory Mode
Configurations
Single Port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
512 x 18
256 x 36
True Dual Port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
512 x 18
Pseudo Dual Port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 9
512 x 18
256 x 36
CLK0
SEL
DCSOUT
CLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com