Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 16Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 18Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 19Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 20Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 21Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Maximum input voltage
1 MΩ
300 VRMS CAT II with peaks ≤ ±425 V
50 Ω, 75 Ω
5 VRMS with peaks ≤ ±20 V
DC gain accuracy
±1.5% for 5 mV/div and above, derated at 0.10%/°C above 30 °C
±2.0% for 2 mV/div, derated at 0.10%/°C above 30 °C
±2.5% for 1 mV/div, derated at 0.10%/°C above 30 °C
±3.0% for variable gain, derated 0.10%/°C above 30 °C
Channel-to-channel isolation
(typical)
Any two channels at equal vertical scale ≥100:1 at ≤100 MHz and ≥30:1 at >100 MHz up to the rated bandwidth
Random noise (typical)
Vertical scale
setting
50 Ω, RMS
MDO310x
MDO305x
MDO303x
MDO302x
MDO301x
1 mV/div
0.179 mV
0.178 mV
0.169 mV
0.178 mV
0.161 mV
100 mV/div
2.4 mV
2.05 mV
1.97 mV
1.93 mV
1.87 mV
1 V/div
24.67 mV
20.96 mV
20.01 mV
19.39 mV
18.55 mV
Offset range
Volts/div setting
Offset range
1 M Ω input
50 Ω, 75 Ω input
1 mV/div to 50 mV/div
±1 V
±1 V
50.5 mV/div to 99.5 mV/div
±0.5 V
±0.5 V
100 mV/div to 500 mV/div
±10 V
±10 V
505 mV/div to 995 mV/div
±5 V
±5 V
1 V/div to 10 V/div
±100 V
±5 V
Horizontal system analog channels
Time base range
1 GHz models
400 ps/div to 1000 s/div
≤ 500 MHz models
1 ns/div to 1000 s/div
Maximum duration at highest
sample rate (all/half channels)
1 GHz models
4/2 ms
≤ 500 MHz models
4/4 ms
Time-base delay time range
-10 divisions to 5000 s
Channel-to-channel deskew range ±125 ns
Time base accuracy
±10 ppm over any ≥1 ms interval
Datasheet
Vertical system analog channels
18 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com