Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 32 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 32 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 35Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 36Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
EMC, environment, and safety
Temperature
Operating
-10 ºC to +55 ºC (+14 ºF to 131 ºF)
Nonoperating
-40 ºC to +71 ºC (-40 ºF to 160 ºF)
Humidity
Operating
Up to +40 ºC, 5% to 90% relative humidity
+40 ºC to +55 ºC, 5% to 60% relative humidity
Nonoperating
Up to +40 ºC, 5% to 90% relative humidity
Above +40 ºC up to +55 ºC, 5% to 60% relative humidity
Above +55 ºC up to +71 ºC, 5% to 40% relative humidity, non-condensing
Altitude
Operating
3,000 meters (9,843 feet)
Nonoperating
12,000 meters (39,370 feet)
Regulatory
Electromagnetic compatibility EC Council Directive 2004/108/EC
Safety
UL61010-1:2004, CAN/CSA-C22.2 No. 61010.1: 2004, Low Voltage Directive 2006/95/EC and EN61010-1:2001, IEC
61010-1:2001, ANSI 61010-1-2004, ISA 82.02.01
Random vibration
Non-operating:
2.46 GRMS, 5-500 Hz, 10 minutes per axis, 3 axes, 30 minutes total
Operating:
0.31 GRMS, 5-500 Hz, 10 minutes per axis, 3 axes, 30 minutes total
Meets IEC60068 2-64 and MIL-PRF-28800 Class 3
Shock
Operating:
50 G, 1/2 sine, 11 ms duration, 3 drops in each direction of each axis, total of 18 shocks
Meets IEC 60068 2-27 and MIL-PRF-28800 Class 3
Acoustic noise emission
Sound power level
32.0 dBA in accordance with ISO 9296
Datasheet
32 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com