Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 2Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 3Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 4Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Triggering
Discovering a device fault is only the first step. Next, you must capture the
event of interest to identify root cause. To enable this, the MDO3000
contains over 125 trigger combinations providing a complete set of triggers
- including runt, logic, pulse width/glitch, setup and hold violation, serial
packet, and parallel data - to help quickly locate your event of interest. And
with up to a 10 M record length, you can capture many events of interest,
even thousands of serial packets, in a single acquisition for further analysis
while maintaining high resolution to zoom in on fine signal details.
Over 125 trigger combinations make capturing your event of interest easy.
Wave Inspector® waveform navigation and automated
search
With long record lengths, a single acquisition can include thousands of
screens of waveform data. Wave Inspector®, the industry’s best tool for
waveform navigation and automated search, enables you to find events of
interest in seconds.
Wave Inspector controls provide unprecedented efficiency in viewing, navigating, and
analyzing waveform data. Zip through your long record by turning the outer pan control
(1). Get details from the beginning to end in seconds. See something of interest and want
to see more details? Just turn the inner zoom control (2).
Zoom and pan
A dedicated, two-tier front-panel control provides intuitive control of both
zooming and panning. The inner control adjusts the zoom factor (or zoom
scale); turning it clockwise activates zoom and goes to progressively higher
zoom factors, while turning it counterclockwise results in lower zoom
factors and eventually turning zoom off. No longer do you need to navigate
through multiple menus to adjust your zoom view. The outer control pans
the zoom box across the waveform to quickly get to the portion of waveform
you are interested in. The outer control also utilizes force-feedback to
determine how fast to pan on the waveform. The farther you turn the outer
control, the faster the zoom box moves. Pan direction is changed by simply
turning the control the other way.
User marks
Press the Set Mark front-panel button to place one or more marks on the
waveform. Navigating between marks is as simple as pressing the
Previous (←) and Next (→) buttons on the front panel.
Search marks
The Search button allows you to automatically search through your long
acquisition looking for user-defined events. All occurrences of the event are
highlighted with search marks and are easily navigated to, using the front-
panel Previous (←) and Next (→) buttons. Search types include edge,
pulse width/glitch, timeout, runt, logic, setup and hold, rise/fall time, parallel
bus, and I2C, SPI, RS-232/422/485/UART, USB 2.0, CAN, CAN FD, LIN,
FlexRay, MIL-STD-1553, ARINC-429, and Audio packet content. A search
mark table provides a tabular view of the events found during the
automated search. Each event is shown with a time stamp, making timing
measurements between events easy.
Search step 1: You define what you would like to find.
Datasheet
6 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com