Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 17 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 17 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 16Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 18Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 19Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 20Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 21Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
1 – Oscilloscope
MDO3012
MDO3014
MDO3022
MDO3024
MDO3032
MDO3034
MDO3052
MDO3054
MDO3102
MDO3104
Analog channels
2
4
2
4
2
4
2
4
2
4
Analog channel bandwidth 100 MHz
100 MHz
200 MHz
200 MHz
350 MHz
350 MHz
500 MHz
500 MHz
1 GHz
1 GHz
Rise time (typical,
calculated)
(10 mV/div setting with
50 Ω input termination)
4 ns
4 ns
2 ns
2 ns
1.14 ns
1.14 ns
800 ps
800 ps
400 ps
400 ps
Sample rate (1 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
Sample rate (2 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
Sample rate (4 ch)
-
2.5 GS/s
-
2.5 GS/s
-
2.5 GS/s
-
2.5 GS/s
-
2.5 GS/s
Record length (1 ch)
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
Record length (2 ch)
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
10 M
Record length (4 ch)
-
10 M
-
10 M
-
10 M
-
10 M
-
10 M
Digital channels with
MDO3MSO option
16
16
16
16
16
16
16
16
16
16
Arbitrary Function
Generator outputs with
MDO3AFG option
1
1
1
1
1
1
1
1
1
1
Spectrum analyzer
channels
1
1
1
1
1
1
1
1
1
1
Standard spectrum
analyzer frequency range
9 kHz -
100 MHz
9 kHz -
100 MHz
9 kHz -
200 MHz
9 kHz -
200 MHz
9 kHz -
350 MHz
9 kHz -
350 MHz
9 kHz -
500 MHz
9 kHz -
500 MHz
9 kHz -
1 GHz
9 kHz -
1 GHz
Optional spectrum
analyzer frequency range
with MDO3SA option
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
9 kHz -
3 GHz
Vertical system analog channels
Hardware bandwidth limits
≥350 MHz models
20 MHz or 250 MHz
100 MHz and 200 MHz models 20 MHz
Input coupling
AC, DC
Input impedance
1 MΩ ±1%, 50 Ω ±1%, 75 Ω ±1%; 75 Ω not available on 1 GHz models
Input sensitivity range
1 MΩ
1 mV/div to 10 V/div
50 Ω, 75 Ω
1 mV/div to 1 V/div
Vertical resolution
8 bits (11 bits with Hi Res)
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com