Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 24 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 24 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 20Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 21Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 22Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 23Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 24Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 25Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Residual response
< -78 dBm (≤ -15 dBm reference level and RF input terminated with 50 Ω)
At 2.5 GHz
<-67 dBm
At 1.25 GHz
<-76 dBm
Crosstalk to spectrum analyzer
from oscilloscope channels
≤800 MHz input frequencies
< -60 dB from ref level (typical)
>800 MHz - 2 GHz input
frequencies
< -40 dB from ref level (typical)
Phase noise at 1 GHz CW
10 kHz
< -81 dBc/Hz, < -85 dBc/Hz (typical)
100 kHz
< -97 dBc/Hz, < -101 dBc/Hz (typical)
1 MHz
< -118 dBc/Hz, < -122 dBc/Hz (typical)
Level measurement uncertainty
Reference level 10 dBm to -15 dBm. Input level ranging from reference level to 40 dB below reference level. Specifications
exclude mismatch error.
18 °C - 28 °C
< ±1.2 dBm (< ±0.6 dBm typical)
Over operating range
< ±2.0 dBm
Level measurement uncertainty
with TPA-N-PRE preamp attached
Preamp mode set to “Auto”. Reference level 10 dBm set to -40dBm. Input level ranging from reference level to 30 dB below
reference level. Specifications exclude mismatch error.
18 °C - 28 °C
< ±1.5 dBm (typical) either preamp state
Over operating range
< ±2.3 dBm either preamp state
Frequency measurement accuracy ±(([Reference Frequency Error] x [Marker Frequency]) + (span/750 + 2)) Hz; Reference Frequency Error = 10ppm (10 Hz / MHz)
Maximum operating input level
Average continuous power
+20 dBm (0.1 W)
DC maximum before damage
±40 V DC
Maximum power before
damage (CW)
+33 dBm (2 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 µs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Maximum operating input level
with TPA-N-PRE preamp attached
Average continuous power
+20 dBm (0.1 W)
DC maximum before damage
±20 V DC
Maximum power before
damage (CW)
+30 dBm (1 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 μs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Frequency domain trace types
Normal, Average, Max Hold, Min Hold
Detection methods
+Peak, -Peak, Average, Sample
Automatic markers
One to eleven peaks identified based on user-adjustable threshold and excursion values
Manual markers
Two manual markers indicating frequency, amplitude, noise density, and phase noise
Datasheet
2 – Spectrum Analyzer
24 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com