Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  TMDP0200 Datasheet HTML 1Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 2Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 3Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 4Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MSO/DPO2000B
MDO3000
MDO4000C
MSO/DPO5000B
Serial Bus Analysis
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
LIN
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
CAN FD, LIN, FlexRay, USB2.0,
MIL-STD-1553, ARINC-429,
Audio
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
CAN FD, LIN, FlexRay, USB2.0,
MIL-STD-1553, ARINC-429,
Audio
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
LIN, FlexRay, USB2.0, Ethernet,
MIL-STD-1553
Decode Only: USB-HSIC, MIPI
D-PHY
Compliance: BroadR-Reach,
USB2.0, USB-PWR, Ethernet,
MOST
Advanced Analysis
Power, Limit/Mask, Video
Power, Limit/Mask, Video,
Spectrogram, Vecto signal
analysis
Power, Limit/Mask, Video, Vector
signal analysis, Jitter
Standard Probing
100 MHz, 12 pF
or
200 MHz, 12 pF
200 MHz, 3.9 pF
500 MHz, 3.9 pF
or
1 GHz, 3.9 pF
200 MHz, 3.9 pF
500 MHz, 3.9 pF
or
1 GHz, 3.9 pF
500 MHz, 3.9 pF
or
1 GHz, 3.9 pF
1 – Oscilloscope
At the core of the MDO3000 Series is a world-class oscilloscope, offering
comprehensive tools that speed each stage of debug – from quickly
discovering anomalies and capturing them, to searching your waveform
record for events of interest and analyzing their characteristics and your
device’s behavior.
Digital phosphor technology with FastAcq® high-
speed waveform capture
To debug a design problem, first you must know it exists. Every design
engineer spends time looking for problems in their design, a time-
consuming and frustrating task without the right debug tools.
Digital phosphor technology provides you with fast insight into the real
operation of your device. Its fast waveform capture rate – greater than
280,000 wfms/s with FastAcq – gives you a high probability of quickly
seeing the infrequent problems common in digital systems: runt pulses,
glitches, timing issues, and more.
To further enhance the visibility of rarely occurring events, intensity grading
is used to indicate how often rare transients are occurring relative to normal
signal characteristics. There are four waveform palettes available in
FastAcq acquisition mode.
The Temperature palette uses color-grading to indicate frequency of
occurrence with hot colors like red/yellow indicating frequently
occurring events and colder colors like blue/green indicating rarely
occurring events.
The Spectral palette uses color-grading to indicate frequency of
occurrence with colder colors like blue indicating frequently occurring
events and hot colors like red indicating rarely occurring events.
The Normal palette uses the default channel color (like yellow for
channel one) along with gray-scale to indicate frequency of occurrence
where frequently occurring events are bright.
The Inverted palette uses the default channel color along with gray-
scale to indicate frequency of occurrence where rarely occurring events
are bright.
These color palettes quickly highlight the events that over time occur more
often or, in the case of infrequent anomalies, occur less often.
Infinite or variable persistence choices determine how long waveforms stay
on the display, helping you to determine how often an anomaly is occurring.
Digital phosphor technology with FastAcq enables greater than 280,000 wfms/s
waveform capture rate and real-time color-intensity grading.
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com