Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 31 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 31 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 35Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Software
OpenChoice® Desktop
Enables fast and easy communication between a Windows PC and your oscilloscope using USB or LAN. Transfer and save
settings, waveforms, measurements, and screen images. Word and Excel toolbars automate the transfer of acquisition data and
screen images from the oscilloscope into Word and Excel for quick reporting or further analysis.
IVI driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
MicrosoftNET, and MATLAB.
e*Scope® Web-based interface
Enables control of the oscilloscope over a network connection through a standard web browser. Simply enter the IP address or
network name of the oscilloscope and a web page will be served to the browser. Transfer and save settings, waveforms,
measurements, and screen images or make live control changes to settings on the oscilloscope directly from the web browser.
LXI Core 2011 Web interface
Connect to the oscilloscope through a standard Web browser by simply entering the oscilloscope IP address or network name in
the address bar of the browser. The Web interface enables viewing of instrument status and configuration, status and modification
of network settings, and instrument control through e*Scope Web-based remote control. All Web interaction conforms to LXI Core
2011 specification, version 1.4.
Power source
Power source voltage
100 to 240 V ±10%
Power source frequency
50 to 60 Hz at 100 to 240 V
400 Hz ±10% at 115 V
Power consumption
120 W maximum
Physical characteristics
Dimensions
Height
203.2 mm (8 in.)
Width
416.6 mm (16.4 in.)
Depth
147.4 mm (5.8 in.)
Weight
Net
4.2 kg (9.2 lb.)
Shipping
8.6 kg (19 lb.)
Rackmount configuration
5U
Cooling clearance
2 in. (51 mm) required on left side and rear of instrument
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com