Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Normal, Average, Max Hold, and Min Hold spectrum traces
RF measurements
The MDO3000 Series includes three automated RF measurements -
Channel Power, Adjacent Channel Power Ratio, and Occupied Bandwidth.
When one of these RF measurements is activated, the oscilloscope
automatically turns on the Average spectrum trace and sets the detection
method to Average for optimal measurement results.
Automated Channel Power measurement
RF probing
Signal input methods on spectrum analyzers are typically limited to cabled
connections or antennas. But with the optional TPA-N-VPI adapter, any
active, 50 Ω TekVPI probe can be used with the spectrum analyzer on the
MDO3000 Series. This enables additional flexibility when hunting for noise
sources and enables easier spectral analysis by using true signal browsing
on a spectrum analyzer input.
In addition, an optional preamplifier accessory assists in the investigation of
lower-amplitude signals. The TPA-N-PRE preamplifier provides 10 dB
nominal gain across the 9 kHz – 3 GHz frequency range.
The optional TPA-N-VPI adapter enables any active, 50 Ω TekVPI probe to be
connected to the RF input.
3 – Arbitrary Function Generator (optional)
The MDO3000 contains an optional integrated arbitrary function generator
(option MDO3AFG), perfect for simulating sensor signals within a design or
adding noise to signals to perform margin testing.
The integrated function generator provides output of predefined waveforms
up to 50 MHz for sine, square, pulse, ramp/triangle, DC, noise, sin(x)/x
(Sinc), Gaussian, Lorentz, exponential rise/fall, Haversine and cardiac.
Waveform type selection in the integrated AFG.
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com