Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 16Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Serial bus technologies supported by the MDO3000
Technology
Trigger, Decode,
Search
Order product
Embedded
I2C
Yes
MDO3EMBD
SPI
Yes
MDO3EMBD
Computer
RS232/422/485,
UART
Yes
MDO3COMP
USB
USB LS, FS, HS
Yes (trigger on LS
and FS only; HS
decode only on
1 GHz models)
MDO3USB
Automotive
CAN, CAN FD
Yes
MDO3AUTO
LIN
Yes
MDO3AUTO
FlexRay
Yes
MDO3FLEX
Military and
Aerospace
MIL-STD-1553,
ARINC-429
Yes
MDO3AERO
Audio
I2S
Yes
MDO3AUDIO
LJ, RJ
Yes
MDO3AUDIO
TDM
Yes
MDO3AUDIO
Event table
In addition to seeing decoded packet data on the bus waveform itself, you
can view all captured packets in a tabular view much like you would see in
a software listing. Packets are time stamped and listed consecutively with
columns for each component (Address, Data, etc.). You can save the event
table data in .CSV format.
Event table showing decoded identifier, DLC, DATA, and CRC for every CAN packet in a
long acquisition.
Search (serial triggering)
Serial triggering is very useful for isolating the event of interest, but once
you’ve captured it and need to analyze the surrounding data, what do you
do? In the past, users had to manually scroll through the waveform
counting and converting bits and looking for what caused the event. You
can have the oscilloscope automatically search through the acquired data
for user-defined criteria including serial packet content. Each occurrence is
highlighted by a search mark. Rapid navigation between marks is as simple
as pressing the Previous (←) and Next (→) buttons on the front panel.
6 – Digital Voltmeter (DVM) and Frequency
Counter
The MDO3000 contains an integrated 4-digit digital voltmeter (DVM) and 5-
digit frequency counter. Any of the analog inputs can be a source for the
voltmeter, using the same probes that are already attached for general
oscilloscope usage. The easy-to-read display offers you both numeric and
graphical representations of the changing measurement values. The
display also shows minimum, maximum, and average values of the
measurement as well as the range of values measured over the previous
five second interval. The DVM and frequency counter is available on any
MDO3000 and is activated when you register your product.
A DC measurement value is shown with a five second variation along with minimum,
maximum, and average voltage values. The frequency of the waveform is also shown.
Datasheet
14 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com