Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 9 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 9 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Limit/Mask testing (optional)
A common task during the development process is characterizing the
behavior of certain signals in a system. One method, called limit testing, is
to compare a tested signal to a known good or "golden" version of the
same signal with user-defined vertical and horizontal tolerances. Another
common method, called mask testing, is to compare a tested signal to a
mask, looking for where a signal under test violates the mask. The
MDO3000 Series offers both limit and mask testing capability useful for
long-term signal monitoring, characterizing signals during design, or testing
on a production line. Tailor a test to your specific requirements by defining
test duration in number of waveforms or time, a violation threshold that
must be met before considering a test a failure, counting hits along with
statistical information, and actions upon violations, test failure, and test
complete. Whether specifying a mask from a known good signal or from a
custom mask, conducting pass/fail tests in search of waveform anomalies
such as glitches has never been easier. The optional limit/mask test
functionality is offered free for a 30-day trial period. This free trial period
starts automatically when the instrument is powered on for the first time.
Limit Test showing a mask created from a golden waveform and compared against a live
signal. Results showing statistical information about the test are displayed.
2 – Spectrum Analyzer
The MDO3000 is the first oscilloscope in its class to include an integrated
spectrum analyzer. Each oscilloscope includes a spectrum analyzer with a
frequency range of 9 kHz up to the analog bandwidth of the instrument. The
spectrum analyzer frequency range of each instrument can be upgraded
from 9 kHz to 3 GHz (option MDO3SA), enabling spectral analysis on most
consumer wireless standards.
Fast and accurate spectral analysis
When using the spectrum analyzer input, the MDO3000 Series display
becomes a full-screen Frequency Domain view.
Key spectral parameters such as Center Frequency, Span, Reference
Level, and Resolution Bandwidth are all adjusted quickly and easily using
the dedicated front-panel menus and keypad.
MDO3000 frequency domain display.
Intelligent, efficient markers
In a traditional spectrum analyzer, it can be a very tedious task to turn on
and place enough markers to identify all your peaks of interest. The
MDO3000 Series makes this process far more efficient by automatically
placing markers on peaks that indicate both the frequency and the
amplitude of each peak. You can adjust the criteria that the oscilloscope
uses to automatically find the peaks.
The highest amplitude peak is referred to as the reference marker and is
shown in red. Marker readouts can be switched between Absolute and
Delta readouts. When Delta is selected, marker readouts show each peak's
delta frequency and delta amplitude from the reference marker.
Two manual markers are also available for measuring non-peak portions of
the spectrum. When enabled, the reference marker is attached to one of
the manual markers, enabling delta measurements from anywhere in the
spectrum. In addition to frequency and amplitude, manual marker readouts
also include noise density and phase noise readouts depending on whether
Absolute or Delta readouts are selected. A "Reference Marker to Center"
function instantly moves the frequency indicated by the reference marker to
center frequency.
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com