Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
MEMORY
MOTOROLA
REV 1
2-3
2.4
I/O REGISTERS SUMMARY
ADDR
REGISTER
R/W
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$0000
Port A Data
R
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PORTA
W
$0001
Port B Data
R
PB7
PB6
PB5
PB4
PB2
PB1
PB0
PORTB
W
$0002
Port C Data
R
PC3
PC2
PC1
PC0
PORTC
W
$0003
Unused
R
W
$0004
Port A Data Direction
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
DDRA
W
$0005
Port B Data Direction
R
DDRB7
DDRB6
DDRB5
DDRB4 SLOWE DDRB2
DDRB1
DDRB0
DDRB
W
$0006
Port C Data Direction
R
OCMPO VROFF
DDRC3
DDRC2
DDRC1
DDRC0
DDRC
W
$0007
Unused
R
W
$0008
MFT Ctrl/Status
R
TOF
RTIF
TOFE
RTIE
00
RT1
RT0
TCSR
W
TOFR
RTIFR
$0009
MFT Counter
R
TMR7
TMR6
TMR5
TMR4
TMR3
TMR2
TMR1
TMR0
TCNT
W
$000A
IRQ Control/Status
R
IRQE
0
0
0
IRQF
0
0
IRQPU
ICSR
W
IRQR
$000B
Unused
R
W
$000C
Unused
R
W
$000D
Unused
R
W
$000E
Optical Interface En.
R
TCMPE
VREF2
VREF1
VREF0
OIE3
OIE2
OIE1
OIE0
OIER
W
$000F
Port C Pull-down/up
R
PDURC
W
PDRC3
PDRC2
PDRC1
PDRC0
unused bits
reserved bits
Figure 2-2. MC68HC05JB3 I/O Registers $0000-$000F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com