Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
INTERRUPTS
MC68HC05JB3
4-2
REV 1
NOTE
If more than one interrupt request is pending, the CPU fetches the vector of the
higher priority interrupt first. A higher priority interrupt does not actually interrupt a
lower priority interrupt service routine unless the lower priority interrupt service
routine clears the I bit.
4.2
INTERRUPT PROCESSING
The CPU does the following actions to begin servicing an interrupt:
•
Stores the CPU registers on the stack in the order shown in Figure 4-1.
•
Sets the I bit in the condition code register to prevent further interrupts.
•
Loads the program counter with the contents of the appropriate interrupt
vector locations as shown in Table 4-1.
The return from interrupt (RTI) instruction causes the CPU to recover its register
contents from the stack as shown in Figure 4-1. The sequence of events caused
by an interrupt are shown in the flow chart in Figure 4-2.
$0020
(BOTTOM OF RAM)
$0021
$00BE
$00BF
$00C0
(BOTTOM OF STACK)
$00C1
$00C2
UNSTACKING
ORDER
⇓
n
CONDITION CODE REGISTER
5
1
n+1
ACCUMULATOR
4
2
n+2
INDEX REGISTER
3
3
n+3
PROGRAM COUNTER (HIGH BYTE)
2
4
n+4
PROGRAM COUNTER (LOW BYTE)
1
5
⇑
STACKING
$00FD
ORDER
$00FE
$00FF
TOP OF STACK (RAM)
Figure 4-1. Interrupt Stacking Order
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com