Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB3
10-22
REV 1
EOPIE — End of Packet Detect Interrupt Enable
This read/write bit enables the USB to generate an interrupt when the EOPF bit
becomes set. Reset clears this bit.
1 =
USB interrupts enabled for Transmit Endpoints 1 and 2.
0 =
USB interrupts disabled for Transmit Endpoint 1 and 2.
TXD1FR — Endpoint 1/Endpoint 2 Transmit Flag Reset
Writing a logic 1 to this write only bit will clear the TXD1F bit if it is set. Writing a
logic 0 to TXD1FR has no effect. Reset clears this bit.
EOPFR — End of Packet Flag Reset
Writing a logic 1 to this write only bit will clear the EOPF bit if it is set. Writing a
logic 0 to the EOPFR has no effect. Reset clears this bit.
10.5.4 USB Control Register 0 (UCR0)
T0SEQ — Endpoint 0 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or DATA1) will
be sent during the next IN transaction. Toggling of this bit must be controlled by
software. Reset clears this bit.
1 =
DATA1 Token active for next Endpoint 0 transmit.
0 =
DATA0 Token active for next Endpoint 0 transmit.
STALL0 — Endpoint 0 Force Stall Bit
This read/write bit causes Endpoint 0 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. The USB hard-
ware clears this bit when a SETUP token is received. Reset clears this bit.
1 =
Send STALL handshake.
0 =
Default.
TX0E — Endpoint 0 Transmit Enable
This read/write bit enables a transmit to occur when the USB Host controller
sends an IN token to Endpoint 0. Software should set this bit when data is
ready to be transmitted. It must be cleared by software when no more Endpoint
0 data needs to be transmitted.
If this bit is 0 or the TXD0F is set, the USB will respond with a NAK handshake
to any Endpoint 0 IN tokens. Reset clears this bit.
1 =
Data is ready to be sent.
0 =
Data is not ready. Respond with NAK.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UCR0
R
T0SEQ
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
$003B
W
reset:
00000000
Figure 10-23. USB Control Register 0 (UCR0)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com