Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-11
10.4.1 Voltage Regulator
The USB data lines are required by the USB Specification to have a maximum
output voltage between 2.8V and 3.6V. The data lines are also required to have an
external 1.5K
Ω pullup resistor connected between a data line and a voltage
source between 3.0V and 3.6V. Since the power provided by the USB cable is
specified to be between 4.4V and 5.0V, an on-chip regulator is used to drop the
voltage to the appropriate level for sourcing the USB transceiver and external
pullup resistor. An output pin driven by the regulator voltage is provided to source
the 1.5K
Ω external resistor. Figure 10-11 shows the worst case electrical
connection for the voltage regulator.
This regulator can be switched off by user program to save power when the device
is in suspend mode. Please note that if the regulator is off, the D– line should be
tied to another voltage source with an external pull-up resistor.
VROFF — USB 3.3V Voltage Reference
The 3.3V Voltage Regulator for the USB transmitter and external D– pull-up can
be switched off to reduce power consumption when device is in suspend mode.
1 =
Disable 3.3V regulator.
0 =
Enables 3.3V regulator.
Figure 10-11. Regulator Electrical Connections
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRC
R
OCMPO
VROFF
DDRC3
DDRC2
DDRC1
DDRC0
$0006
W
reset:
00000000
LS
Transceiver
3.3V
R2
R2
R1
R1 = 1.5K
Ω ±5%
R2 = 15K
Ω ±5%
Regulator
USB Data Lines
Host
or
Hub
USB Cable
4.4V
VROFF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com