Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-21
10.5.3 USB Interrupt Register 1 (UIR1)
TXD1F — Endpoint 1/Endpoint 2 Data Transmit Flag
This read only bit is shared by Endpoint 1 and Endpoint 2. It is set after the data
stored in the shared Endpoint 1/Endpoint 2 transmit buffer has been sent and
an ACK handshake packet from the host is received. Once the next set of data
is ready in the transmit buffers, software must clear this flag by writing a logic 1
to the TXD1FR bit. To enable the next data packet transmission, TX1E must
also be set. If TXD1F bit is not cleared, a NAK handshake will be returned in
the next IN transaction.
Reset clears this bit. Writing a logic 0 to TXD1F has no effect.
1 =
Transmit on Endpoint 1 or Endpoint 2 has occurred.
0 =
Transmit on Endpoint 1 or Endpoint 2 has not occurred.
EOPF — End of Packet Detect Flag
This read only bit is set when a valid End-of-Packet sequence is detected on
the D+ and D– lines. Software must clear this flag by writing a logic 1 to the
EOPFR bit.
Reset clears this bit. Writing a logic 0 to EOPF has no effect.
1 =
End-of-Packet sequence has been detected.
0 =
End-of-Packet sequence has not been detected.
RESUMF — Resume Flag
This read only bit is set when USB bus activity is detected while the SUSPND
bit is set. Software must clear this flag by writing a logic 1 to the RESUMFR bit.
Reset clears this bit. Writing a logic 0 to RESUMF has no effect.
1 =
USB bus activity has been detected.
0 =
No USB bus activity has been detected.
RESUMFR — Resume Flag Reset
Writing a logic 1 to this write only bit will clear the RESUMF bit if it is set. Writ-
ing a logic 0 to RESUMFR has no effect. Reset clears this bit.
TXD1IE — Endpoint 1/Endpoint 2 Transmit Interrupt Enable
This read/write bit enables the USB to generate an interrupt when the shared
Transmit Endpoint 1/Endpoint 2 interrupt flag (TXD1F) bit becomes set. Reset
clears this bit.
1 =
USB interrupts enabled for Transmit Endpoints 1 and 2.
0 =
USB interrupts disabled for Transmit Endpoints 1 and 2.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIR1
R
TXD1F
EOPF
RESUMF
0
TXD1IE
EOPIE
00
$003A
W
RESUMFR
TXD1FR
EOPFR
reset:
00000000
= Unimplemented
Figure 10-22. USB Interrupt Register 1(UIR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com