Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
INTERRUPTS
MOTOROLA
REV 1
4-7
NOTE
The BIH and BIL instructions will only apply to the level on the IRQ pin itself, and
not to the output of the logic OR function with the PA0 to PA3 pins. The state of the
individual Port A pins can be checked by reading the appropriate Port A pins as
inputs.
NOTE
If enabled, the PA0 to PA3 pins will cause an IRQ interrupt only when the
corresponding pin is configured as input.
4.5.4 Timer1 Interrupt (TIMER1)
The TIMER1 interrupt is generated by the 16-bit timer when either an overflow or
an input capture or output compare has occurred as described in the section on
16-bit timer. The interrupt flags and enable bits for the Timer1 interrupts are
located in the Timer1 Control & Status Register (TSR) located at $0012, $0013.
The I-bit in the CCR must be clear in order for the TIMER1 interrupt to be enabled.
Either of these three interrupts will vector to the same interrupt service routine
located at the address specified by the contents of memory locations $1FF6 and
$1FF7.
4.5.5 USB Interrupt (USB)
The USB interrupt is generated by the USB module as described in the section on
Universal Serial Bus. The interrupt enable bits for the USB interrupt are located at
bit3-bit2 of UIR0 register and bit3-bit2 of UIR1 register. Also Once the device goes
into Suspend Mode, any bus activities will cause the USB to generate an interrupt
to CPU to come out from the Suspend mode. The I-bit in the CCR must be clear in
order for the USB interrupt to be enabled. Either of these two interrupts will vector
to the same interrupt service routine located at the address specified by the con-
tents of memory locations $1FF8 and $1FF9.
4.5.6 MFT Interrupt (MFT)
The MFT interrupt is generated by the MFT module as described in the section on
Multi-function Timer. These interrupts will vector to the same interrupt service rou-
tine located at the address specified by the contents of memory locations $1FF4
and $1FF5.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com