| Electronic Components Datasheet Search |
|
68HC05JB3 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05JB3 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 134 page ![]() November 5, 1998 GENERAL RELEASE SPECIFICATION MC68HC05JB3 16-BIT TIMER MOTOROLA REV 1 9-7 Figure 9-8. TCAP Input Comparator Output When the input capture circuitry detects an active edge on the TCAP pin, it latches the contents of the free-running timer counter registers into the input cap- ture registers as shown in Figure 9-6. Latching values into the input capture registers at successive edges of the same polarity measures the period of the selected input signal. Latching the counter val- ues at successive edges of opposite polarity measures the pulse width of the sig- nal. The input capture registers are made up of two 8-bit read-only registers (ICRH, ICRL) as shown in Figure 9-9. The input capture edge detector contains a Schmitt trigger to improve noise immunity. The edge that triggers the counter transfer is defined by the input edge bit (IEDG) in the TCR. Reset does not affect the con- tents of the input capture registers. The result obtained by an input capture will be one count higher than the value of the free-running timer counter preceding the external transition. This delay is required for internal synchronization. Resolution is affected by the prescaler, allowing the free-running timer counter to increment once every four internal clock cycles (eight oscillator clock cycles). BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 ICRH R ICRH7 ICRH6 ICRH5 ICRH4 ICRH3 ICRH2 ICRH1 ICRH0 $0014 W reset: UUUUUUUU ICRL R ICRL7 ICRL6 ICRL5 ICRL4 ICRL3 ICRL2 ICRL1 ICRL0 $0015 W reset: UUUUUUUU U = UNAFFECTED BY RESET Figure 9-9. Input Capture Registers (ICRH, ICRL) VDD ÷ 2 VDD Output of Comparator Signal on TCAP pin Time Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |