Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
INPUT/OUTPUT PORTS
MOTOROLA
REV 1
7-1
SECTION 7
INPUT/OUTPUT PORTS
In normal operating mode there are 19 usable bidirectional I/O lines arranged as
one 8-bit I/O port (Port-A), one 7-bit I/O port (Port-B), and one 4-bit I/O port
(Port C). The individual bits in these ports are programmable as either inputs or
outputs under software control by the data direction registers (DDRs).
The eight port pins, PB4-PB7 and PC0-PC3, are only available on the 28-pin
version of the device.
Table 7-1 shows a summary of Port-A, Port-B, and Port-C functions.
7.1
PORT-A
Port-A is an 8-bit bi-directional port. The Port-A data register is at $0000 and the
data direction register (DDRA) is at $0004. Reset does not affect the data regis-
ters, but clears the data direction registers, thereby returning the port pins to
inputs. Writing a ‘1’ to a DDR bit sets the corresponding port bit to output mode.
All Port-A pins have programmable pull-down resistors. PA4 to PA7 each has 8mA
current sink capability.
The table below summarizes the pin configurations for Port-A.
Table 7-1. Summary of Port Pin Functions
Port Pins
Internal Resistor
Configuration
Current
Drive/Sink
Additional Features
PA0-PA3
Pull-down1
1.6mA sink
External Interrupt2
Optical Interface
PA4-PA7
8mA sink
PB0
1.6mA sink
shared with TCAP
PB1, PB2
Pull-up1
25mA sink,
open-drain
Slow Transition Output
PB4-PB7
Pull-down1
1.6mA sink
Pins available only
in 28-pin device
PC0
shared with OCMP
PC1-PC3
Notes:
1.
A pull-up/pull-down resistor is enabled by setting the corresponding register bit to “0” and the
port pull-up/down mask option is selected.
2.
Selected by mask option.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com