Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
16-BIT TIMER
MOTOROLA
REV 1
9-5
NOTE
To prevent interrupts from occurring between readings of the ACRH and ACRL,
set the I bit in the condition code register (CCR) before reading ACRH and clear
the I bit after reading ACRL.
9.3
INPUT CAPTURE REGISTERS
Figure 9-6. Timer Input Capture Block Diagram
The input capture function is a technique whereby an external signal (connected
to PB0/TCAP pin) is used to trigger the 16-bit timer counter. In this way it is possi-
ble to relate the timing of an external signal to the internal counter value, and
hence to elapsed time.
NOTE
Since the TCAP pin is shared with the PB0 I/O pin, changing the state of the PB0
DDR or Data Register can cause an unwanted TCAP interrupt. This can be
avoided by clearing the ICIE bit before changing the configuration of PB0, and
clearing any pending interrupts before enabling ICIE.
The signal on the TCAP pin is first directed to a schmitt trigger or a voltage
comparator as shown in Figure 9-7. Setting the TCMPE bit to “1” will enable the
comparator and the VDD/2 reference voltage.
ICRH ($0014)
16-BIT COUNTER
÷ 4
INTERNAL
(fOSC ÷ 2)
TIMER CONTROL REG.
TIMER
REQUEST
INPUT CAPTURE (ICF)
RESET
CLOCK
INTERRUPT
ICRL ($0015)
TIMER STATUS REG.
$0012
$0013
INTERNAL
DATA
READ
ICRH
READ
ICRL
LATCH
BUS
EDGE
SELECT
& DETECT
LOGIC
INTERNAL
DATA
BUS
SIGNAL
CONDITIONING
PB0/
TCAP
TCMPE
(bit7 at $0E)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com