Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
GENERAL DESCRIPTION
MOTOROLA
REV 1
1-7
PA0 to PA3 has external interrupt function (mask option) with schmitt trigger input
circuit, and PA4 to PA7 has 8mA current sink capability.
Port A can also be configured as the optical interface.
1.4.8 PB0-PB2, PB3-PB7
These seven I/O lines comprise Port B. The state of any pin is software program-
mable and is configured as an input during power-on or reset.
PB1 and PB2 are open-drain I/O lines with pull-up devices. PB0 (shared with
TCAP) is a push-pull I/O line with pull-down device.
PB1 and PB2 are also slow transition outputs, each has 25mA current sink capa-
bility at VOL =0.5V.
PB4-PB7 I/O lines are push-pull pins with pull-down devices, and are only avail-
able in the 28-pin package.
1.4.9 PC0-PC3
These four I/O lines comprise Port C. The state of any pin is software programma-
ble and all Port C lines are configured as inputs during power-on or reset.
PC0 to PC3 are push-pull pins with pull-down devices. PC0 is also shared with the
OCMP pin from the output compare function of the 16-bit timer.
Port C is only available in the 28-pin package.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com