Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 101Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 102Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 103Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 104Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 105Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 106Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
OPTICAL INTERFACE
MOTOROLA
REV 1
11-3
11.2
OPTICAL INTERFACE ENABLE REGISTER
The OIER register controls the operation of the optical interface devices on
Port-A. This register is located at address $0E.
Figure 11-3. Optical Interface Enable Register (TCSR)
OIE0 — Optical Interface pair 0 Enable
1 =
PA0 and PA1 optical interface are enabled.
0 =
PA0 and PA1 optical interface are disabled.
OIE1 — Optical Interface pair 1 Enable
1 =
PA2 and PA3 optical interface are enabled.
0 =
PA2 and PA3 optical interface are disabled.
OIE2 — Optical Interface pair 2 Enable
1 =
PA4 and PA5 optical interface are enabled.
0 =
PA4 and PA5 optical interface are disabled.
OIE3 — Optical Interface pair 3 Enable
1 =
PA6 and PA7 optical interface are enabled.
0 =
PA6 and PA7 optical interface are disabled.
VREF[0:2] — Reference Voltage Selection
These 3 bits are used to select the optical interface reference voltage.
Table 11-2. Optical Interface Reference Voltage Selection
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OIER
R
TCMPE
VREF2
VREF1
VREF0
OIE3
OIE2
OIE1
OIE0
$000E
W
reset:
00000000
VREF2
VREF1
VREF0
Reference Voltage (mV), VDD=5V
000
300
001
430
010
560
011
690
100
820
101
950
1
1
0
1080
1
1
1
1210
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com