Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 117Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 118Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 124Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
ELECTRICAL SPECIFICATIONS
MOTOROLA
REV 1
13-3
NOTES:
1.
All values shown reflect average measurements.
2.
Typical values at midpoint of voltage range, 25
°C only.
3.
Wait IDD: Only MFT and Timer1 active.
4.
Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 (fOSC = 6.0
MHz), all inputs 0.2 VDC from rail; no DC loads, less than 50pF on all outputs, CL = 20 pF on OSC2.
5.
Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 VDC, VIH = VDD–0.2 VDC.
6.
Stop IDD measured with OSC1 = VSS.
7.
Wait IDD is affected linearly by the OSC2 capacitance.
8.
TA = 0°C to +40°C.
9.
These are preliminary specifications.
13.4
USB DC ELECTRICAL CHARACTERISTICS
Pullup Resistor
PB1, PB2
RPULLUP
30
50
75
K
Ω
LVR Inhibit (see note 9)
VLVRI
3.3
V
LVR Recover (see note 9)
VLVRR
3.5
V
TCAP Input Threshold Voltage
VTCAP
VDD/2
V
Table 13-2. USB DC Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Hi-Z State Data Line Leakage
ILO
0V<Vin<3.3V
–10
+10
µA
Differential Input Sensitivity
VDI
|(D+)–(D–)|
0.2
V
Differential Common Mode
Range
VCM
Includes VDI
range
0.8
2.5
V
Single Ended Receiver
Threshold
VSE
0.8
2.0
V
Static Output Low
VOL
RL of 1.5k to
3.6V
0.3
V
Static Output High
VOH
RL of 15k to
GND
2.8
3.6
V
3.3V External Reference Pin
V3.3
IL=200µA
3.0
3.3
3.6
V
Table 13-1. DC Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com