Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB3 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 125Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 127Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 128Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 129Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 130Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 131Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 132Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
MOTOROLA
REV 1
A-3
A.4
BOOTSTRAP MODE
Bootloader mode is entered upon the rising edge of RESET if the IRQ/VPP pin is
at VTST and the PB0 pin is at logic zero. The Bootloader program is masked in the
ROM area from $1E00 to $1FEF. This program handles copying of user code from
an external EPROM into the on-chip EPROM. The bootload function has to be
done from an external EPROM. The bootloader performs one programming pass
at 1ms per byte then does a verify pass.
The user code must be a one-to-one correspondence with the internal EPROM
addresses.
A.5
EPROM PROGRAMMING
Programming the on-chip EPROM is achieved by using the Program Control Reg-
ister located at address $3E.
Please contact Motorola for programming board availability.
A.5.1 EPROM Program Control Register (PCR)
This register is provided for programming the on-chip EPROM in the
MC68HC705JB3.
MORON – Mask Option Register ON
0 =
Disable programming to Mask Option Register ($01FF)
1 =
Enable programming to Mask Option Register ($01FF)
ELAT – EPROM LATch control
0 =
EPROM address and data bus configured for normal reads
1 =
EPROM address and data bus configured for programming (writes
to EPROM cause address and data to be latched). EPROM is in
programming mode and cannot be read if ELAT is 1. This bit should
not be set when no programming voltage is applied to the Vpp pin.
PGM – EPROM ProGraM command
0 =
Programming power is switched OFF from EPROM array.
1 =
Programming power is switched ON to EPROM array. If ELAT
≠1,
then PGM=0.
Bits [7:3] – Reserved
These are reserved bits and should remain zero.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PCR
R
00000
MORON
ELAT
PGM
$003E
W
R
R
R
R
R
reset:
00000000
R
= Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com