Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB3 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 124Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 125Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
ELECTRICAL SPECIFICATIONS
MOTOROLA
REV 1
13-5
13.6
CONTROL TIMING
NOTES:
1.
The minimum period tILIL or tIHIH should not be less than the number of cycles it takes to execute the
interrupt service routine plus 19 tCYC.
2.
Effects of processing, temperature, and supply voltage (excluding tolerances of external R and C)
3.
tslow is a parameter dependent on fOSC and loading. Typical value of tslow is TENTATIVELY set at 170 ns
with minimal value of 130ns and maximal value of 185ns under the SIMULATION conditions that fOSC
is 6.0 MHz and slow output transition feature is enabled. Actual transition time will be specified to
replace the TBDs when enough characterization has been done on various wafers from different lots.
The values listed here represent data off simulation runs under the specified conditions. Under no cir-
cumstances should they be treated as the final specification.
Table 13-4. Control Timing
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Max
Units
Frequency of Operation
Crystal Oscillator Option
External Clock Source
fOSC
fOSC
—
DC
6
6
MHz
MHz
Internal Operating Frequency
Crystal Oscillator (fOSC ÷ 2)
External Clock (fOSC ÷ 2)
fOP
fOP
—
DC
3
3
MHz
MHz
Cycle Time (1/fOP)tCYC
330
—
ns
RESET Pulse Width Low
tRL
1.5
—
tCYC
IRQ Interrupt Pulse Width Low (Edge-Triggered)
tILIH
0.5
—
tCYC
IRQ Interrupt Pulse Period
tILIL
note 1
—
tCYC
PA0 to PA3 Interrupt Pulse Width High
(Edge-Triggered)
tIHIL
0.5
—
tCYC
PA0 to PA3 Interrupt Pulse Period
tIHIH
note 1
—
tCYC
OSC1 Pulse Width
tOH, tOL
——
ns
Output High to Low Transition Period on
PA6, PA7, PB0-4
tSLOW
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com