Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8152 Datasheet HTML 5Page - Analog Devices AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices AD8152 Datasheet HTML 10Page - Analog Devices AD8152 Datasheet HTML 11Page - Analog Devices AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. A
AD8152
–9–
DUTY CYCLE DISTORTION – ps
1400
800
0
–50
30
020
1200
1000
600
400
40
50
BIN WIDTH = 5ps
200
–40
–20
–30
–10
10
TPC 7. Duty Cycle Distortion Distribution
DATA RATE – Gbps
100
90
0
0.5
4.0
1.0
1.5
2.0
2.5
3.0
3.5
80
70
60
50
40
30
20
10
VOUT @ DATA RATE
VOUT @ 0.5Gbps
100
%EYE HEIGHT =
TPC 8. Eye Height vs. Data Rate
DATA RATE – Gbps
50
4.0
1.0
1.5
2.0
2.5
3.0
3.5
45
40
35
30
25
15
10
5
0
PEAK-PEAK JITTER
STANDARD DEVIATION
20
TPC 9. Jitter vs. Data Rate
UNIT INTERVAL
1.E+00
0.1
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.2
0.3
0.4
0.5
1.E–01
1.E–02
1.E–03
1.E–04
1.E–05
1.E–06
1.E–07
1.E–08
1.E–09
1.E–10
1.E–11
1.E–12
TPC 10. Bit Error Rate vs. Unit Interval
80ps/DIV
PEAK-PEAK JITTER = 35ps STD DEV = 5.6ps
TPC 11. Crosstalk, 3.2 Gbps, Attack Signal OFF
(See TPC 25)
80ps/DIV
PEAK-PEAK JITTER = 46ps STD DEV = 6.5ps
TPC 12. Crosstalk, 3.2 Gbps, Attack Signal ON
(See TPC 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com