Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8152 Datasheet HTML 14Page - Analog Devices AD8152 Datasheet HTML 15Page - Analog Devices AD8152 Datasheet HTML 16Page - Analog Devices AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. A
–18–
AD8152
Input Coupling
One way to simplify the input circuit and make it compatible with
a wide variety of driving devices is to use ac coupling. This has
the effect of isolating the dc common-mode levels of the driver
and the AD8152 input circuitry. For example, the XAUI inter-
connect specification for 10 Gbps Ethernet requires ac coupling
in order to ensure that there are no interactions of dc levels
between the transmitting and receiving devices.
AC coupling requires that the signal patterns have no long-term
dc component, which may occur in any random data stream.
Codes such as 8b/10b, called for in the XAUI specification, are
used in many data communications systems to ensure that the
data pattern is benign in an ac-coupled link. This is accomplished
by run-length limiting (RLL), which sets a maximum for the
number of 1s or 0s that can occur consecutively. In addition,
residual dc components are monitored and modified by keeping
track of the running disparity, excess of 1s versus 0s or vice versa.
For the AD8152 inputs, ac coupling requires a capacitor in series
with each single-ended input signal, as shown in Figure 7. This
should be done in a manner that does not interfere with the high
speed signal integrity of the PC board. The details of this are
covered in the section on board layout guidelines. The two critical
variables are setting the proper voltage for VTTI and selecting
the correct value of coupling capacitors.
50
VTTI
VCC
50
VEE
INXXP
INXXN
CINP
CINN
Figure 7. AC-Coupling Input Signal from AD8152
On the AD8152 side of the input coupling capacitor, the average
value of the single-ended input voltage will be at the voltage set at
VTTI. The range of allowable voltages is a function of the accept-
able input voltages of the active circuitry of the AD8152 inputs
and the amplitude of the input signal. The operating input range
of the AD8152 extends from VCC + 0.2 V to 0.8 V above VEE.
The total range that will be occupied by the input signal will be
its average value (as established by the voltage applied to VTTI)
plus or minus one half the single-ended swing of the signal. For a
standard 800 mV p-p differential signal, the single-ended swing is
400 mV p-p. Thus, the signal will swing
±200 mV about the
average value equal to VTTI.
If VTTI is set equal to VCC, then the single-ended signal will
just meet the specifications where its highest excursion will be
0.2 V higher than VCC. The lowest level to set VTTI is 0.8 V
above VEE. This will cause the negative signal excursions to stay
within the operating range.
With ac-coupled inputs, there is no power consumption advan-
tage associated with varying VTTI. As a practical matter, it
might be desirable to set VTTI at the same voltage as VTTO so
that only one supply is necessary. Refer to the VTTO section for
more information.
Output Coupling
Each single-ended output of the AD8152 has a termination
resistor that ties to a common point called VTTO. When VTTO
is varied, it will change the common-mode levels of the outputs
and the power dissipation of the output stages when they are
enabled.
The individual output currents are programmable. Varying this
current will change the lower level of the output voltage (and thus
the peak-to-peak swing) and also change the power dissipation in
the output stages. To obtain a standard 800 mV p-p differential
output (single-ended = 400 mV p-p), the output current should
be programmed to 16 mA. With an effective termination resis-
tance of 25
W, this will generate the proper differential voltage.
If the AD8152 drives another device that is ac-coupled, there is no
interaction of the dc levels on each side of the coupling capacitors
(see Figure 8). The dc levels for the AD8152 can be calculated
independent of the levels of the device that is driven.
The upper allowable setting for VTTO is 0.2 V higher than VCC.
The signals will be pulled up to this level at their highest excursion.
However at this setting, the power dissipation will be a maximum.
To save power, VTTO can be lowered. The lowest level for
VTTO will be determined by the lowest output level allowable
(VOL) by the AD8152 output when it is logically low. The output
at any time should not go lower than 1.0 V below VCC. If the
single-ended swing of an output is 400 mV p-p, then the lowest
that VTTO can go is 0.6 V below VCC. For more information
on VOL, see TPC 17.
VTTO
VEE
I = 2mA
(CODE) + 2mA
50
50
OUTXXP
OUTXXN
AD8152
VEE
VCC
VTT
VCC
DRIVEN DEVICE
VEE
Figure 8. AC-Coupling Output Signal from AD8152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com