Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices AD8152 Datasheet HTML 10Page - Analog Devices AD8152 Datasheet HTML 11Page - Analog Devices AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices AD8152 Datasheet HTML 14Page - Analog Devices AD8152 Datasheet HTML 15Page - Analog Devices AD8152 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
REV. A
–12–
AD8152
AD8152
IN##P
OUT##P
IN##N
OUT##N
VEE = –2.5V
IOUT = 16mA, VOUT HI = 0V,V OUT LO = –0.4V
VIN AMPLITUDE = 400mV p-p SINGLE-ENDED, VIN HI = –0.2V PRBS 2
23 – 1
PATTERN
GENERATOR
VCC
VTTO
VTTI
50
50
DATA OUT
DATA OUT
TRIGGER OUT
TRIGGER IN
HIGH SPEED
SAMPLING
OSCILLOSCOPE
–6dB
–6dB
–6dB
–6dB
TPC 23. Negative Supply Test Circuit
IOUT = 16mA, VOUT HI = 2.5V,V OUT LO = 2.1V
VIN AMPLITUDE = 400mV p-p SINGLE-ENDED, VIN HI = 2.7V
PRBS 223– 1, INPUTS AND OUTPUTS ARE AC-COUPLED
PATTERN
GENERATOR
VCC
VTTO
2.5V
VTTI
50
50
DATA OUT
DATA OUT
TRIGGER OUT
TRIGGER IN
HIGH SPEED
SAMPLING
OSCILLOSCOPE
–6dB
–6dB
VEE
–6dB
–6dB
AD8152
IN##P
OUT##P
IN##N
OUT##N
0.1 F
0.1 F
0.1 F
0.1 F
TPC 24. Positive Supply Test Circuit
ATTACK SIGNAL APPLIED TO IN25. IN25 BROADCAST TO ALL OUTPUTS EXCEPT OUT27.
TWO SEPARATE PATTERN GENERATORS USED TO PROVIDE INPUT PATTERN TO AD8152.
OUTPUTS NOT CONNECTED TO OSCILLOSCOPE ARE TERMINATED WITH EXTERNAL 50
TO GND.
50
50
–6dB
–6dB
–6dB
–6dB
AD8152
VEE = –2.5V
PATTERN
GENERATOR #2
DATA OUT
DATA OUT
VCC
VTTO
VTTI
TRIGGER OUT
TRIGGER IN
HIGH SPEED
SAMPLING
OSCILLOSCOPE
IN24N
IN24P
OUT27P
OUT27N
IN25N
IN25P
OUT00P...OUT26P
OUT28P...OUT33P
OUT00N...OUT26N
OUT28N...OUT33N
50
50
–6dB
–6dB
PATTERN
GENERATOR #1
ATTACK SIGNAL
DATA OUT
DATA OUT
TPC 25. Crosstalk Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com