Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices AD8152 Datasheet HTML 10Page - Analog Devices AD8152 Datasheet HTML 11Page - Analog Devices AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices AD8152 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. A
–10–
AD8152
TEMPERATURE – C
50
50
0
10
20
30
40
45
40
35
30
25
60
70
80
90
55
3.2 Gbps
1.5 Gbps
TPC 13. Single Point Jitter vs. Temperature
INPUT AMPLITUDE – mV
0
10
100
1000
STANDARD DEVIATION
PEAK–PEAK JITTER
120
100
80
60
40
20
0
TPC 14. Jitter vs. Single-Ended Input Amplitude
INPUT CML – V
160
140
120
100
80
60
180
40
20
3.8
3.2
2.9
2.6
2.3
2.0
1.7
1.4
1.1
0.8
0.5
3.5
INPUT AMPLITUDE = 50mV p-p
@3.3V
@2.5V
TPC 15. Jitter vs. Input Common-Mode Level
SUPPLY VOLTAGE – V
80
70
60
50
4.0
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
3.8
40
30
20
10
0
STANDARD DEVIATION
PEAK-PEAK JITTER
TPC 16. Jitter vs. Supply
VOL – V
–1.4
0
160
140
120
100
80
60
40
20
–1.2
–1.0
–0.6
–0.4
–0.2
0
IOUT = 16mA
IOUT = 24mA
IOUT = 32mA
–0.8
TPC 17. Jitter vs. VOL (Relative to VCC)
IOUT – mA
0
10
50
45
40
35
30
25
20
15
PEAK–PEAK JITTER
STANDARD DEVIATION
510
15
2025
30
35
5
0
TPC 18. Jitter vs. Programmed IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com