Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices AD8152 Datasheet HTML 23Page - Analog Devices AD8152 Datasheet HTML 24Page - Analog Devices AD8152 Datasheet HTML 25Page - Analog Devices AD8152 Datasheet HTML 26Page - Analog Devices AD8152 Datasheet HTML 27Page - Analog Devices AD8152 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. A
–24–
AD8152
EVALUATION BOARD CONTROL SOFTWARE
The AD8152 evaluation board can be controlled by using a PC
and a custom software program. The hardware interface uses a
PC parallel (or printer) port. A standard printer cable is used to
connect from the PC DB-25 connector to the Centronics-type
connector on the evaluation board. Figure 17 shows an evaluation
board control panel from a PC display.
A single screen allows control of all the programmable functions
of the AD8152. The programming modes are listed in the Mode
box. Select either I/O Programming or Current Programming by
selecting the appropriate radio button. These will allow either
programming the switch matrix or the output currents one at a time.
An alternative is to use the Broadcast mode. This will either
simultaneously program all of the outputs to one selected input
or program all outputs to the same current.
Figure 17. Evaluation Board Control Panel
In the I/O Programming mode (nonbroadcast), the desired input
is selected from the Input Select box by double-clicking on the
appropriate input channel number. This will cause the same
channel to appear in the Active Input Selection indicator window.
Next, select the desired output from the Output Select box by double-
clicking the appropriate output channel number.
Finally, the Program button is clicked and the data is immediately
sent to the evaluation board for programming the part to the
selected I/O combination.
If an additional output(s) is desired to be programmed to the same
input, double-click the desired output channel number and click
the Program button.
The Programmed Output table indicates which outputs are
programmed to the input that is indicated in the Active Input
Selection window. If it is desired to disable an individual output,
its radio button in the Programmed Output table can be clicked,
and it will change from black to white to indicate that it is not
enabled. Note: It is not possible to program outputs by selecting
their radio buttons.
To observe the set of outputs that are connected to any input,
double-click the desired input channel number from the Input
Select box. The selected channel number will show up in the Active
Input Selection window and the programmed outputs will have a
black dot in their radio button in the Programmed Output table.
To program an output current, select the Current Programming
button in the Mode box. Then double-click the desired output
channel number from the Output Select table. Next double-click
the desired entry for the Output Current. Finally, click the
Program button.
If the Broadcast button is selected from the Mode box, all outputs
will be treated the same. If I/O Programming is selected, double-
click the input channel number from the Input Select table
and click the Program button. This will cause all outputs to be
programmed to the selected output, and all of the buttons will
have a black dot in the Programmed Output table.
For broadcast current programming, double-click the desired
Output Current. Then click the Program button. All of the outputs
will be programmed to the selected output current.
The Reset button will disable all outputs. In addition, all output
currents will be programmed to the nominal value of 16 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com