Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices AD8152 Datasheet HTML 23Page - Analog Devices AD8152 Datasheet HTML 24Page - Analog Devices AD8152 Datasheet HTML 25Page - Analog Devices AD8152 Datasheet HTML 26Page - Analog Devices AD8152 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
REV. A
AD8152
–23–
ECL
DRIVER
TO 50
SCOPE
INPUTS
VCC
VTTO
VTTI = –2V
VEE = –2.5V
AD8152
PP
NN
IN
OUT
Figure 15. Evaluation Board ECL Driver Test Setup
Connections for Testing
The AD8152 evaluation board can be used under a variety of posi-
tive or negative supply configurations. Negative supply configurations,
as shown in Figure 15, allow the easiest hookup to test equip-
ment because inputs and outputs can be direct coupled. In a real
world application however, the negative supply configuration would
be difficult because control logic levels must be shifted negative.
Figure 16 is an example of a loop-through test setup using a posi-
tive supply. In this case, the test signal goes through the AD8152
twice. It is possible to loop through multiple times if desired, but
jitter will increase with number of loop-throughs. The first
input from the generator and the last output to a scope must be
ac-coupled. However, an AD8152 output driving its own input can
be direct-coupled. Direct coupling to the first AD8152 input is not
effective since generators usually want to see 50
W to ground.
This would require VTTI to be attached to ground, causing
excessive power to be dissipated in the internal 50
W input
termination resistors. Secondly, when the AD8152 output tries
to drive its own input with VTTI = 0 V and VTTO = 2.5 V, the
input will pull the output stage levels down enough to shut off
any signal toggling.
All ac coupling shown is actually done with a set of bias tees. If
desired, the bias tee can be used to monitor average dc voltage
levels at an input or output (depending on direction installed),
and it can also serve to change input dc levels. Make sure the
bias tees used in the setup have enough low frequency bandwidth
to pass long patterns and keep edge rates intact. The longer the
pattern, the more low frequency bandwidth is needed.
If ac coupling is desired on a user board, 0402 or 0603 sized
capacitors can be installed on microstrip lines. The biggest 0402
size, XR7 type usable is 0.01
mF, which will work fine for short
patterns (PRBS 2
7–1) and data rates down to 1.0 Gbps. For
long patterns a 0603 sized, XR7 type, 0.1
mF should be used. To
decrease capacitive loading from the mounting area, clear out
planes underneath the coupling capacitor.
In Figure 16, 6 dB attenuators are placed before the AD8152
input ac-coupling or bias tees. This is because many generators
won’t go below 500 mV single-ended. The output pair of 6 dB
attenuators is present to protect the scope inputs and allow for
higher scale voltages per division. The eye diagram is usually
viewed differentially by using a simple P – N math function.
Cabling used in this setup must be matched. Mismatched cables
cause either a P or N signal to be falsely delayed. This delay can
show up as a change in the crossing point, from 50 percent in the
eye diagram. To accurately check cable matches, a TDR setup
is recommended.
PATTERN
GENERATOR
VCC
VTTO
2.5V
AD8152
P
P
N
N
IN01
OUT01
VTTI
P
N
P
N
IN02
OUT02
VEE
50
50
DATA OUT
DATA OUT
TRIGGER OUT
TRIGGER IN
HIGH SPEED
SAMPLING
OSCILLOSCOPE
–6dB
–6dB
–6dB
–6dB
VCC = VTTI = VTTO = 2.5V, VEE = 0V,I OUT SET = 16mA
RTI (REFERRED TO INPUT)A MPLITUDE = 400mV SINGLE–ENDED,
VIN HI = 2.7V (IN01), PRBS 223 –1, VOH = 2.5V,
VOL = 2.1V,
AC-COUPLED IS FROM BIAS TEES,
PROGRAMMING: IN01 TO OUT02, IN02 TO OUT01.
Figure 16. Positive Supply Loop-Through Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com