Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8152 Datasheet HTML 24Page - Analog Devices AD8152 Datasheet HTML 25Page - Analog Devices AD8152 Datasheet HTML 26Page - Analog Devices AD8152 Datasheet HTML 27Page - Analog Devices AD8152 Datasheet HTML 28Page - Analog Devices AD8152 Datasheet HTML 29Page - Analog Devices AD8152 Datasheet HTML 30Page - Analog Devices AD8152 Datasheet HTML 31Page - Analog Devices AD8152 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
REV. A
AD8152
–31–
OUTLINE DIMENSIONS
256-Ball Grid Array [SBGA]
(BP-256)
Dimensions shown in millimeters
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
1
3
5
7
9
11
13
15
17
19
2
4
6
8
10
12
14
16
18
20
A1 CORNER
27.00 BSC
24.13 REF
1.27
BOTTOM
0.20 MIN
SEATING PLANE
0.25 MIN
0.90
0.75
0.60
TOP
1.27
0.70
0.60
0.50
1.00
0.80
0.60
0.20
COPLANARITY
SEATING
PLANE
BALL DIAMETER
24.13 REF
27.00 BSC
A1
COMPLIANT TO JEDEC STANDARDS MO-192-BAL-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com