Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8152 Datasheet HTML 10Page - Analog Devices AD8152 Datasheet HTML 11Page - Analog Devices AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices AD8152 Datasheet HTML 14Page - Analog Devices AD8152 Datasheet HTML 15Page - Analog Devices AD8152 Datasheet HTML 16Page - Analog Devices AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
REV. A
–14–
AD8152
CS
WE
A[6:0]INPUTS
D[5:0]INPUTS
tCSW
tASW
tWP
tDSW
tAHW
tAHW
tCHW
tDHW
Figure 3a. First Rank Write Cycle
Table V. First Rank Write Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSW
Setup Time
Chip Select to Write Enable
TA = 25 C0
ns
tASW
Address to Write Enable
0
ns
tDSW
Data to Write Enable
VCC = 3.3 V
1
ns
tCHW
Hold Time
Chip Select from Write Enable
0
ns
tAHW
Address from Write Enable
0
ns
tDHW
Data from Write Enable
0
ns
tWP
Width of Write Enable Pulse
10
ns
CS
UPDATE
ENABLING
OUT[0:33][N:P]
OUTPUTS
TOGGLE
OUT[0:33][N:P]
OUTPUTS
DATA FROM RANK 1
tCSU
tUOE
tUW
tCHU
DISABLING
OUT[0:33][N:P]
OUTPUTS
tUOD
DATA FROM RANK 1
DATA FROM RANK 2
PREVIOUS RANK 2 DATA
tUOT
Figure 3b. Second Rank Update Cycle
Table VI. Second Rank Update Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSU
Setup Time
Chip Select to Update
TA = 25 C0
ns
tCHU
Hold Time
Chip Select from Update
0
ns
tUOE
Output Enable Times
Update to Output Enable
VCC = 3.3 V
25
45
ns
tUOT
Output Toggle Times
Update to Output Reprogram
25
45
ns
tUOD
Output Disable Times
Update to Output Disabled
25
45
ns
tUW
Width of Update Pulse
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com