Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8152 Datasheet HTML 16Page - Analog Devices AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices AD8152 Datasheet HTML 23Page - Analog Devices AD8152 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. A
–20–
AD8152
of these two currents will flow through the switches and the current
source of the AD8152 output circuit and out through VEE.
The power dissipated in the transmission line and the destination
resistor will not be dissipated in the AD8152, but will have to be
supplied from the power supply, and is a factor in the overall system
power. The current in the on-chip termination resistors and the
output current source will dissipate power in the AD8152 itself.
Input Termination Resistors
The power dissipated in the input termination resistors is
delivered by the driving source. First, assume the driving wave-
form for an individual input is a differential square wave with an
amplitude of Vinpp. Then the power dissipated in this input is
(Vinpp)
2/2Rterm.
However, this result is quite pessimistic, because at high fre-
quencies, the wave shape is usually more sinusoidal than square.
If instead, a differential sine wave of amplitude Vinpp is assumed,
then its rms amplitude is 0.7 times that of a square wave. This will
yield a power that is one half of the square wave case. The assumed
wave shape is not too critical because the fraction of the power
dissipated in the input termination resistors is not very large.
A further effect is that the input signal might travel over a path
that attenuates the signal. This will usually be a function of
frequency. Thus, for such a case, some of the signal power will
be dissipated in the signal path. This will reduce the amount of
power dissipated in the AD8152 input terminations.
If dc coupling is used, a dc current will flow from VTTI through
the termination resistors if the dc voltage of the drive circuit is not
equal to VTTI. The additional power in each input termination
resistor will be the current that flows multiplied by the 50
W
value of the input terminations.
For a point of reference, assume a channel has a sinusoidal input of
800 mV p-p differential. The power dissipated for a single input
will be 3.2 mW. If all 34 input channels are driven the same, then
the power in the input terminations will be 109 mW.
Input Stage
The input stages are powered down when not in use. There is
about 2 mA that flows through an enabled input from VCC to VEE.
Thus, the power dissipated by an enabled input is 5 mW for a
supply of 2.5 V and 6.6 mW for a 3.3 V supply. For all 34 inputs
enabled, the respective figures are 170 mW for a 2.5 V supply
and 224 mW for a 3.3 V supply.
Switch Matrix
The switch matrix draws a fixed 32 mA when the AD8152 is
powered. This current flows from VCC to VEE. The power dissi-
pation from this current is 80 mW at 2.5 V and 106 mW at 3.3 V.
Output Predrivers
The output predrivers draw additional current when each of the
outputs is enabled. This extra current is proportional to the
programmed output current. The extra predriver current for a
channel will be 25 percent of the programmed output current
for that channel. This current will also flow from VCC to VEE.
When an output is enabled and programmed to 16 mA, an addi-
tional 4 mA will flow in the predriver section. This will dissipate
10 mW at 2.5 V or 13.2 mW at 3.3 V for an individual output.
For all 34 outputs enabled and programmed to 16 mA, the
predriver power will be 340 mW at 2.5 V or 449 mW at 3.3 V.
OUTPUTS
The output current is forced by a current source that is pro-
grammed to a variable amount of current from 2 mA to 32 mA
in 2 mA steps. For the two logic switch states, this current flows
through an on-chip termination resistor and a parallel path to the
destination device and its termination resistor. The power in this
parallel path is not dissipated by the AD8152.
The nominal programmed output current is 16 mA. With the two
parallel 50
W resistors at each collector (25 W equivalent), this
current will create a 400 mV p-p swing in each half of the circuit.
The differential output voltage will be 800 mV p-p.
Under steady state conditions and with a data pattern that is
run-length limited so that its low frequency content is significantly
higher than the RC pole formed by the coupling capacitor and the
termination resistors, the common-mode level at the AD8152
outputs will be 400 mV lower than VTTO. Each output will then
swing
±200 mV from this level, which is a 400 mV p-p single-
ended output swing.
At the high level, there will be 200 mV across the termination
resistor. This will dissipate a power of 0.8 mW. At the low level, the
600 mV across the termination resistor will dissipate a power of
7.2 mW. Since the output signal is basically 50% duty cycle, the
average power dissipated will be the average of these two values
or 4 mW. By symmetry, the other differential output will dissipate
the same power. This yields an on-chip termination-resistor
power dissipation of 8 mW per channel for each output, or 272 mW
for all 34 outputs.
The full output current (from both on- and off-chip termination
resistors) will flow in the lower part of each output. This current
flows only in the side that is “on,” or in its low state (VOL). This
voltage is 600 mV below the dc level at VTTO.
Thus, for VTTO = 2.5 V, VOL = 1.9 V, and the power dissipa-
tion for IOUT = 16 mA is 30.4 mA. For all 34 channels, the
power is 1.03 W.
If VTTO = 3.3 V, then VOL = 2.7 V. The single power is 43.2 mW
and the power for all 34 channels is 1.47 W.
If VTTO = 2.5 V, then the additional power is given by 16 mA
¥ [(2.5 V – (16 mA ¥ 25 W)] = 33.6 mW. Thus, the total AD8152
power dissipation for this output is 37.6 mW.
If all 34 outputs are enabled with the same IOUT, the total power
dissipation is 1.28 W. Thus it can be seen that the outputs are
the major contributor to the power dissipation.
Power Saving Considerations
While the AD8152 power consumption is very low compared to
similar devices, careful control of its operating conditions can yield
further power savings. Significant power reduction can be realized
by operating the part at a lower voltage. Compared to 3.3 V
operation, a supply voltage of 2.5 V can result in power savings of
about 25 percent. There is virtually no performance penalty when
operating at lower voltage.
A second measure is to disable outputs when they are not being
used. This can be done on a static basis if the output is not used,
or on a dynamic basis if the output does not have a constant
stream of traffic.
Since the majority of the power dissipated is in the output stage,
some of its flexibility can be used to lower the power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com