Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 150 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 150 Page - Intel Corporation

Back Button 845GL Datasheet HTML 146Page - Intel Corporation 845GL Datasheet HTML 147Page - Intel Corporation 845GL Datasheet HTML 148Page - Intel Corporation 845GL Datasheet HTML 149Page - Intel Corporation 845GL Datasheet HTML 150Page - Intel Corporation 845GL Datasheet HTML 151Page - Intel Corporation 845GL Datasheet HTML 152Page - Intel Corporation 845GL Datasheet HTML 153Page - Intel Corporation 845GL Datasheet HTML 154Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 193 page
background image
Electrical Characteristics
150
Intel® 82845G/82845GL/82845GV GMCH Datasheet
6.5
DC Parameters
NOTES:
1. HA_VREF/HD_VREF and HCC_VREF are generically referred to as GTLREF throughout the rest of this
document.
2. HI_VREF and HI_SWING are set according to the nominal VCC.
3. The DC specifications are intended solely for DC measurements and do not comprehend any AC noise
components.
Table 6-5. DC Operating Characteristics
Signal Name
Parameter
Min
Nom
Max
Unit
I/O Buffer Supply Voltage
VCC
Core Voltage
1.425
1.5
1.575
V
VCCAGP
AGP I/O Voltage
1.425
1.5
1.575
V
VCCHI
Hub Interface I/O Voltage
1.425
1.5
1.575
V
VCCA_DAC
DAC Supply Voltage
1.425
1.5
1.575
V
VTT
Host AGTL+ Termination
Voltage
1.15
N/A
1.75
V
VCCSM(DDR)
DDR I/O Supply Voltage
2.375
2.5
2.625
V
VCCSM(SDR)
SDR I/O Supply Voltage
3.135
3.3
3.465
V
Reference Voltages
AGP_VREF
AGP Reference Voltage
1/2 VCCAGP
– 2%
1/2 x
VCCAGP
1/2 VCCAGP
+ 2%
V
HI_VREF
Hub Interface Reference
Voltage
0.343
0.35
0.357
V
HI_SWING
Hub Interface Compensation
Reference Voltage
0.686
0.7
0.714
V
HA_VREF/
HD_VREF
Host Address and Data
Reference Voltage
2/3 x VTT – 2%
2/3 x VTT
2/3 x VTT + 2%
V
HX_SWING/
HY_SWING
Host Compensation
Reference Voltage
1/3 x VTT – 2%
1/3 x VTT
1/3 x VTT + 2%
V
HCC_VREF
Host Common Clock
Reference Voltage
2/3 x VTT – 2%
2/3 x VTT
2/3 x VTT + 2%
V
SM_VREF
(DDR)
DDR Reference Voltage
0.5 VCCSM
(DDR) – 2%
1/2 x VCCSM
(DDR)
0.5 VCCSM
(DDR) + 2%
V
SM_VREF
(SDR)
SDR Reference Voltage
0.5 VCCSM
(SDR) – 2%
1/2 x VCCSM
(SDR)
0.5 VCCSM
(SDR) + 2%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com