Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 182 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 182 Page - Intel Corporation

Back Button 845GL Datasheet HTML 178Page - Intel Corporation 845GL Datasheet HTML 179Page - Intel Corporation 845GL Datasheet HTML 180Page - Intel Corporation 845GL Datasheet HTML 181Page - Intel Corporation 845GL Datasheet HTML 182Page - Intel Corporation 845GL Datasheet HTML 183Page - Intel Corporation 845GL Datasheet HTML 184Page - Intel Corporation 845GL Datasheet HTML 185Page - Intel Corporation 845GL Datasheet HTML 186Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
182
Intel® 82845GL/82845GV GMCH
9.2
No AGP Interface
The 82845GL and 82845GV do not have an AGP interface. References to AGP in this document
only apply to the 82845G component. For example, Chapter 2 describes how the 82845G DVO
signals are multiplexed with the AGP signals. For the 82845GL/82845GV, the DVO signals are
NOT multiplexed. In addition, AGP related registers are NOT in the 82845GL/82845GV
components (see Section 9.4).
9.3
Intel® 82845G and Intel® 82845GL/82845GV Signal
Differences
The 82845GL and 82845GV have the same signals. The following lists the signal differences
between the 82845G and the 82845GL/82845GV:
• ADD_DETECT signal functionality is slightly different between the 82845G and
the82845GL/82845GV. For the 82845GL/82845GV, replace the ADD_DETECT signal
description in Section 2.4.5 with the following:
• There are no AGP signals on the 82845GL/82845GV. The 82845GL/82845GV DVO signals
are not multiplexed. Section 2.5.1, Intel® DVO Signals Name to AGP Signal Name Pin
Mapping does not apply to the 82845GL/82845GV.
9.3.1
Functional Straps (82845GL only)
In Section 2.10, Functional Straps, the PSBSEL signal description is replaced by the following:
Signal Name
Type
Description
GPAR/
ADD_DETECT
I/O AGP
PAR:
Same as PCI. Not used on AGP transactions but used during PCI
transactions as defined by the PCI Local Bus Specification, Revision 2.1.
ADD_DETECT:
This signal acts as a strap and indicates whether the
interface is in DVO mode. The 82845GL/82845GV GMCH has an internal
pull-up on this signal that will naturally pull it high. If a DVO is utilized, the
signal should be pulled low and the DVO select bit in the GMCHCFG
register will be set to DVO mode. Motherboards that use this interface in a
DVO down scenario should have a pull-down resistor on ADD_DETECT.
Signal Name
Type
Description
PSBSEL
I
PSB Frequency Select:
The PSBSEL is tied to the external BSEL resistor-divider
circuitry. The value of the PSBSEL pin reflects the PSB frequency. The PSB runs at
400 MHz when PSBSEL is a 0. The 82845GL does not support PSB frequency of
533 MHz and a PSBSEL value of 1 would not allow the board to boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com