Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 184 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 184 Page - Intel Corporation

Back Button 845GL Datasheet HTML 180Page - Intel Corporation 845GL Datasheet HTML 181Page - Intel Corporation 845GL Datasheet HTML 182Page - Intel Corporation 845GL Datasheet HTML 183Page - Intel Corporation 845GL Datasheet HTML 184Page - Intel Corporation 845GL Datasheet HTML 185Page - Intel Corporation 845GL Datasheet HTML 186Page - Intel Corporation 845GL Datasheet HTML 187Page - Intel Corporation 845GL Datasheet HTML 188Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 193 page
background image
Intel® 82845GL/82845GV GMCH
184
Intel® 82845G/82845GL/82845GV GMCH Datasheet
ATTBASE
— Aperture Translation Table Register (Device 0)
Address Offset
B8–BBh
Size:
32 bits
AMTT
— AGP MTT Control Register (Device 0)
Address Offset
BC–BFh
Size:
8 bits
LPTT
— AGP Low Priority Transaction Timer Register (Device 0)
Address Offset
BDh
Size:
8 bits
9.4.1.2
Device 0 Register Bit Differences
The registers described in this section are in both the 82845G and 82845GL/82845GV. However,
some of the register bits have different functions/operations between the components. Only the bits
that are different are shown in this section. Thus, the bit descriptions shown in this section only
apply to the 82845GL or 82845GV. The remaining register bits are the same for all three
components and are described in Chapter 3.
GC—Graphics Control Register (Device 0)
Address Offset
52h
Default Value
0000_0000b
Access
RO
Size:
8 bits
Bits
Description
3
Integrated Graphics Disable (IGDIS).
The GMCH’s Device 1 is disabled such that all
configuration cycles to Device 1 flow through to the hub interface. Also, the Next_Pointer field in
the CAPREG register (Device 0, Offset E4h) is RO at 00h. This enables internal graphics
capability.
0 = Enable. Internal Graphics is enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com