Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
VCMPREF ± 50 mV
VCMPREF
VCMPIN
ALERT
Alert
Output
ALERT
CMPREF
CMPIN, VOUT
4 V
Vs
4 V
VOUT
RESET
ALERT
VS+
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
+
±
G = 20, 50,
100, 200
5 V
2.7 V to 5.5 V
INA381-Q1
REF3140
4 V
0.2% , 15ppm/°C
VS+
16
INA381-Q1
SLYS041 – MARCH 2020
www.ti.com
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
The device determines if an overcurrent event is present by comparing the voltage on the CMPIN pin to the
corresponding signal developed at the CMPREF pin. The threshold voltage for the CMPREF pin can be set with
a resistive divider, or by connecting an external voltage source (such as a reference generator device). Figure 43
depicts the REF3140 used as an external reference source.
Figure 43. External Reference Voltage
7.3.6 Comparator Hysteresis
The onboard comparator in the INA381-Q1 is designed to reduce the possibility of oscillations in the alert output
when the measured signal level is near the overlimit threshold level as a result of noise. When the voltage
(VCMPIN) exceeds the voltage developed at the CMPREF pin, the ALERT pin asserts and pulls low. The output
voltage must drop to less than the CMPREF pin threshold voltage, as shown in Figure 44, by the hysteresis level
of 50 mV so that the ALERT pin deasserts and returns to the nominal high state. The INA381-Q1 is designed
with a hysteresis of 50 mV.
Figure 44. Typical Comparator Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com