Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA381 Datasheet HTML 25Page - Texas Instruments INA381 Datasheet HTML 26Page - Texas Instruments INA381 Datasheet HTML 27Page - Texas Instruments INA381 Datasheet HTML 28Page - Texas Instruments INA381 Datasheet HTML 29Page - Texas Instruments INA381 Datasheet HTML 30Page - Texas Instruments INA381 Datasheet HTML 31Page - Texas Instruments INA381 Datasheet HTML 32Page - Texas Instruments INA381 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
-1
0
1
2
3
4
5
6
Time (2ms/div)
VOUT
ALERT
CMPREF
29
INA381-Q1
www.ti.com
SLYS041 – MARCH 2020
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.2.3 Application Curve
Figure 53. Low-Side Sensing Application Curve
9 Power Supply Recommendations
The device input circuitry accurately measures signals on common-mode voltages beyond the power-supply
voltage, VS. For example, the voltage applied to the VS+ power-supply pin can be 5 V, whereas the load power-
supply voltage being monitored (VCM) can be as high as 26 V. The device can withstand the full –0.2-V to +26-V
range at the input pins, regardless of whether the device has power applied or not.
Power-supply bypass capacitors are required for stability and must be placed as closely as possible to the supply
and ground pins of the device. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy
or high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com