Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA381 Datasheet HTML 26Page - Texas Instruments INA381 Datasheet HTML 27Page - Texas Instruments INA381 Datasheet HTML 28Page - Texas Instruments INA381 Datasheet HTML 29Page - Texas Instruments INA381 Datasheet HTML 30Page - Texas Instruments INA381 Datasheet HTML 31Page - Texas Instruments INA381 Datasheet HTML 32Page - Texas Instruments INA381 Datasheet HTML 33Page - Texas Instruments INA381 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
RSHUNT
CBYPASS
Load
Power Supply
1
2
3
10
9
8
7
6
4
5
VIA to
Ground
Plane
IN+
VS+
ALERT
RESET
IN±
VOUT
CMPIN
CMPREF
VIA to
Power
Supply
VIA to Ground
Plane
N.C.
GND
30
INA381-Q1
SLYS041 – MARCH 2020
www.ti.com
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
•
Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The
recommended value of this bypass capacitor is 0.1 µF. Add decoupling capacitance to compensate for noisy
or high-impedance power supplies.
•
Make sure that the thermal pad and GND are connected to a solid ground plane of the PCB.
•
Pull up the open-drain output pin to the supply voltage rail through a 10-kΩ pullup resistor.
10.2 Layout Example
Figure 54. Recommended Layout for DGS Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com