Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 1 Page - Texas Instruments

  INA381 Datasheet HTML 1Page - Texas Instruments INA381 Datasheet HTML 2Page - Texas Instruments INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
VOUT
RESET
ALERT
IN+
IN±
VS+
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
0 V to 26 V
+
-
G = 20, 50,
100, 200
ADC
GPIO
GPIO
R1
R2
Microcontroller
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381-Q1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA381-Q1
SLYS041 – MARCH 2020
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent
Comparator
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
•
Common-mode input range: –0.2 V to +26 V
•
High accuracy amplifier:
–
Offset voltage at TA = 25°C
–
500 µV (maximum) at VCM = 12 V
–
150 µV (maximum) at VCM = 0 V
–
Offset voltage drift: 1 µV/°C (maximum)
–
Gain error: 1% (maximum) at 25°C
–
Gain error drift: 20 ppm/°C (maximum)
•
Available amplifier gains:
–
INA381A1-Q1: 20 V/V
–
INA381A2-Q1: 50 V/V
–
INA381A3-Q1: 100 V/V
–
INA381A4-Q1: 200 V/V
•
Open-drain comparator:
–
Hysteresis: 50 mV
–
Propagation delay: 400 ns (typical)
–
Alert threshold set through external reference
voltage
–
Supports transparent and latching modes
•
Package: VSSOP-10
2 Applications
•
ADAS domain controller
•
Body control module (BCM)
•
Window module
•
Roof motor module
•
Seat position & fold module
•
Interior heater module
•
Telematics control unit
•
Digital cockpit processing unit
•
Automotive head unit
3 Description
The INA381-Q1 includes both a 26-V common-mode,
current-sensing
amplifier
and
a
high-speed
comparator.
This
device
detects
overcurrent
conditions by measuring the voltage developed
across a current-shunt resistor and comparing that
voltage to a user-defined threshold limit set by the
comparator reference pin. The current-shunt monitor
can measure differential voltage signals on common-
mode voltages that vary from –0.2 V up to 26 V,
independent of the supply voltage.
The open-drain alert output can be configured to
operate in two modes: transparent or latched. In
transparent mode, the output status follows the input
state. In latched mode, the alert output is cleared only
when the latch is reset. The standalone comparator
large-signal alert response time is less than 2 µs,
allowing for quick detection of overcurrent events.
The total system overcurrent protection response
time provided by the INA381-Q1 is less than 10 µs.
This device operates from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 350 µA.
The device is specified over an operating temperature
range of –40°C to +125°C, and is available in the 10-
pin VSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA381-Q1
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - INA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA381 TI1-INA381 Datasheet
1Mb / 27P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
1Mb / 30P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
2Mb / 43P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
INA381 TI2-INA381 Datasheet
2Mb / 44P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
REVISED OCTOBER 2019
INA381-Q1 TI2-INA381-Q1 Datasheet
2Mb / 44P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
REVISED OCTOBER 2019
More results

Similar Description - INA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA381 TI1-INA381_V01 Datasheet
2Mb / 43P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
INA290-Q1 TI1-INA290-Q1 Datasheet
366Kb / 16P
INA290-Q1 AEC-Q100, 2.7-V to 110-V, 800-kHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA281-Q1 TI-INA281-Q1 Datasheet
1Mb / 25P
INA281-Q1 AEC-Q100, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA310A-Q1 TI-INA310A-Q1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A-Q1 TI-INA310A-Q1_V01 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com